Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAS005B Datasheet HTML 1Page - Pixart Imaging Inc. PAS005B Datasheet HTML 2Page - Pixart Imaging Inc. PAS005B Datasheet HTML 3Page - Pixart Imaging Inc. PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Figure 2.4 Companding curves program by comp_crv[2:0]
3. Register and Function
3.1. Register list
Register
Register
R/W
Default
(Decimal)
Description
Reg_2[3:0]
Np_i2c[3:0]
R/W
1
I2C sampling frequency = frequency of I_sysclk /
Np_i2c
Programming range of Np_i2c: 1~15
Reg_3[5:0]
Np[5:0]
R/W
2
Pixel rate = frequency of I_sysclk / Np
Programming range of Np: 1~63
Reg_4[7]
single_path
R/W
0
Analog signal processing single or double path
0: double path, 1: single path
Reg_4[6]
cm
R/W
1
Color mode or Mono mode(used only in sub-
sampling mode)
0: Mono mode, 1: color mode
Reg_4[5]
rrc
R/W
0
reverse read column
0: forward readout, 1: reverse readout
Reg_4[4]
rrr
R/W
0
reverse read row
0: forward readout, 1: reverse readout
Reg_4[3:2]
cf[1:0]
R/W
0
column frequency
00: Normal readout without sub-sampling,
01: 1/2 sub-sampling
10: 1/4 sub-sampling,
11: 1/8 sub-sampling
Reg_4[1:0]
rf[1:0]
R/W
0
row frequency
00: Normal readout without sub-sampling,
01: 1/2 sub-sampling
I/P(10b)
010
10xxxxxxxx
11xxxxxxxx
001xxxxxxx
011
without companding
3
000xxxxxxx
2
0
6
O/P(10b)
1111 1111 11
4
5
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com