Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 38 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 38 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 33Page - Pixart Imaging Inc. PAS005B Datasheet HTML 34Page - Pixart Imaging Inc. PAS005B Datasheet HTML 35Page - Pixart Imaging Inc. PAS005B Datasheet HTML 36Page - Pixart Imaging Inc. PAS005B Datasheet HTML 37Page - Pixart Imaging Inc. PAS005B Datasheet HTML 38Page - Pixart Imaging Inc. PAS005B Datasheet HTML 39Page - Pixart Imaging Inc. PAS005B Datasheet HTML 40Page - Pixart Imaging Inc. PAS005B Datasheet HTML 41Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
6. Specifications
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Vdd
DC supply voltage
-0.5
3.8
V
Vin
DC input voltage
0.5
Vdd+0.5
V
Vout
DC output voltage
-0.5
Vdd+0.5
V
Tstg
Storage temperature
TBD
TBD
℃
DC Electrical Characteristics (VDD=3.0V±20%, Ta=10°C~40°C )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type :PWR
VDD
Analog and digital operating voltage
2.4
3.0
3.6
V
IDD
Operating Current
8
MA
Istby
Standby current
100
UA
Type :IN & I/O Reset and SYSCLK
VIH
Input voltage HIGH
2.0
VDD
V
VIL
Input voltage LOW
0
0.8
V
Cin
Input capacitor
10
PF
Ilkg
Input leakage current
TBD
UA
Type : OUT & I/O for PXD0:7, PXCK, H/VSYNC & SDA, load 10pf, 1.2kΩ, 3.0volts
VOH
Output voltage HIGH
Vdd-0.2
V
VOL
Output voltage LOW
0.2
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
SYSCLK
Master clock frequency
4.5
48
MHz
PXCK
Pixel clock output frequency
1.5
MHz
Sensor Characteristics
Parameter
Symbol
Typ.
Unit
Note
Photo response non-uniformity
PRNU
1.40
%
Saturation output voltage
Sat.
696
Level
Dark output voltage
Vdark
17
Level/sec
Dark signal non-uniformity
DSNU
1.87
Level
Fixed Pattern Noise
FPN
7.05
Level
Signal to Noise ratio
SNR
42
dB
Dynamic range
DR
48
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com