Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 10Page - Pixart Imaging Inc. PAS005B Datasheet HTML 11Page - Pixart Imaging Inc. PAS005B Datasheet HTML 12Page - Pixart Imaging Inc. PAS005B Datasheet HTML 13Page - Pixart Imaging Inc. PAS005B Datasheet HTML 14Page - Pixart Imaging Inc. PAS005B Datasheet HTML 15Page - Pixart Imaging Inc. PAS005B Datasheet HTML 16Page - Pixart Imaging Inc. PAS005B Datasheet HTML 17Page - Pixart Imaging Inc. PAS005B Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Hsync.
x x x x
x x
x x
1288 pixels 0ut
x x x x
line time = cov[10:0]+480+4(x)+4(D)+1288+4(x) pixclks
x x x
cov[10:0]+480
Pixclk_a
1288 pixels out
Note: "x" indicates don't care PXD[9:0] , "D" indicates dark.
x
D D D D
D D D D
Fig 4.1.1-2 Inter-line timing (programmable)
Valid frame data (1028 lines)
Dark
Hsync.
480
Pixclks
480
Pixclks
Frame time(min) (=1030 lines)
Vsync.
B,G,B,G...
G,R,G,R...
Dark
Dark
Dark
B,G,B,G...
Fig 4.1.1-3 Inter-frame timing (default)
Valid frame data
(1028 lines)
Hsync.
Pixclks
Frame time = lpf[14:0]+3 lines
Vsync.
0
Dark
1
Dark
0
Dark
Valid frame data
(1028 lines)
1
Dark
Fig 4.1.1-4 Inter-frame timing (programmable)
4.2 Windowing
Users are allowed to define window size as well as window location in PAS005B. Window size can range from
1x8 to 1288x1028 . The location of window can be anywhere in the pixel array. Window size and window
location is defined by register wcp_in, wcw_in, wrp and wrd: the wcp_in defines the starting column while wrp
defines the starting row of the window;. the wcw_in define the column width of the window and wrd define the
row depth of the window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com