Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 2Page - Pixart Imaging Inc. PAS005B Datasheet HTML 3Page - Pixart Imaging Inc. PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. PAS005B Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
10: 1/4 sub-sampling,
11: 1/8 sub-sampling
Reg_5[2:0]
wcp_in[10:8]
R/W
0
window column pointer
Reg_6[7:0]
wcp_in[7:0]
R/W
0
window column pointer
Reg_7[2:0]
wcw_in[10:8]
R/W
1287
window column width
Reg_8[7:0]
wcw_in[7:0]
R/W
1287
window column width
Reg_9[2:0]
wrp[10:8]
R/W
0
window row pointer
Reg_10[7:0]
wrp[7:0]
R/W
0
window row pointer
Reg_11[2:0]
wrd
R/W
1027
window row depth
Reg_12[7:0]
wrd
R/W
1027
window row depth
Reg_13[5]
CDS_ext2_in
R/W
0
CDS timing extension to 2 times of normal CDS
timing for 48M pixel rate
Reg_13[4]
row_ave
R/W
0
row average for row sub-sampling
Reg_13[3]
dir_ave
R/W
0
direction of average
0: the same direction of rrc
1: reverse direction of rrc
Reg_13[2]
mono_ave
R/W
0
used for mono color filter
0: row<i> & row<i+2> average
1: row<i> & row<i+1> average
Reg_13[1]
Seq_exp
R/W
1
Reg_13[0]
Snap_ena
R/W
0
Reg_14[2:0]
cov[10:8]
R/W
0
column overhead: used to increase line time
Reg_15[7:0]
cov[7:0]
R/W
0
column overhead: used to increase line time
Reg_16[0]
mode_chg_reg
R/W
0
It is used to reset the full sensor array and exposure
address
when
critical
operation
mode
is
changed(useful only that register “flag” is set to 1
and reset of the full sensor array and exposure
address will start till the first new frame is readout
after register “flag” is set to 1) .
It will be reset by the same mechanism that flag
register be reset.
Reg_17[5:0]
LPF[13:8]
R/W
1027
Line per frame: total frame time = (LPF+1)+2 lines
Reg_18[7:0]
LPF[7:0]
R/W
1027
Line per frame: total frame time = (LPF+1)+2 lines
Reg_19[5:0]
ny[13:8]
R/W
0
Exposure time start point offset in line resolution
Reg_20[7:0]
ny[7:0]
R/W
0
Exposure time start point offset in line resolution
Reg_21[2:0]
Ne[10:8]
R/W
0
Exposure time start point offset in pixel resolution
Reg_22[7:0]
ne[7:0]
R/W
0
Exposure time start point offset in pixel resolution
Reg_23[6:5]
Frnt_gain[1:0]
R/W
0
Front gain
Reg_23[4:0]
Global_gain[4:0]
R/W
0
Global gain
Reg_24[3]
Dac_B_sign
R/W
1
The Dac sign of color B
Reg_24[2]
Dac_G1_sign
R/W
1
The Dac sign of color G1
Reg_24[1]
Dac_G0_sign
R/W
1
The Dac sign of color G0
Reg_24[0]
Dac_R_sign
R/W
1
The Dac sign of color R
Reg_25[7:0]
Dac_B[7:0]
R/W
0
The Dac value of color B
(Dac setting is done by signed-magnitude)
Reg_26[7:0]
Dac_G1[7:0]
R/W
0
The Dac value of color G1
Reg_27[7:0]
Dac_G0[7:0]
R/W
0
The Dac value of color G0
Reg_28[7:0]
Dac_R[7:0]
R/W
0
The Dac value of color R
Reg_29[3:0]
Cg_B[3:0]
R/W
0
Color gain of color B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com