Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 26 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 26 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 22Page - Pixart Imaging Inc. PAS005B Datasheet HTML 23Page - Pixart Imaging Inc. PAS005B Datasheet HTML 24Page - Pixart Imaging Inc. PAS005B Datasheet HTML 25Page - Pixart Imaging Inc. PAS005B Datasheet HTML 26Page - Pixart Imaging Inc. PAS005B Datasheet HTML 27Page - Pixart Imaging Inc. PAS005B Datasheet HTML 28Page - Pixart Imaging Inc. PAS005B Datasheet HTML 29Page - Pixart Imaging Inc. PAS005B Datasheet HTML 30Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
writing the registers followed by setting “flag” register to 1. Registers 4 ~ 15 are some critical registers that
influent the sensor cell array. If the readout pixels aare changed, register 16(mode_chg_reg) should be set to 1
to reset the full array. So the programming sequence is writing the registers, set mode_chg, than set flag. If
mode_chg_ena register is 1, these registers will be protected unchanged till setting mode_chg followed by
setting flag.
4.7 Exposure Programming
The Exposure Time calculation of PAS005 is based on the following sequence:
1. System clk
2. Pxclk
3. Frame rate
4. Exposure time
5. Equivalent exposure line and pixel number
6. Register (Ny)offset_ny,(Ne) offset_ne
For a given Sysclk, pxclk and EX-time:
Np = Sysclk / pxclk.
The Exposure Time calculation of PAS005 is based on the following Register:
Register
Register
R/W
Default
(Decimal)
Description
Reg_3[5:0]
Np[5:0]
R/W
2
Pixel rate = frequency of I_Sysclk / Np
Programming range of Np: 1~63
Reg_4[7]
single_path
R/W
0
Analog signal processing single or double path
0: double path, 1: single path
Reg_4[6]
cm
R/W
1
Color mode or Mono mode(used only in sub-
sampling mode)
0: Mono mode, 1: color mode
Reg_4[3:2]
cf[1:0]
R/W
0
column frequency
00: Normal readout without sub-sampling,
01: 1/2 sub-sampling
10: 1/4 sub-sampling,
11: 1/8 sub-sampling
Reg_4[1:0]
rf[1:0]
R/W
0
row frequency
00: Normal readout without sub-sampling,
01: 1/2 sub-sampling
10: 1/4 sub-sampling,
11: 1/8 sub-sampling
Reg_5[2:0]
wcp_in[10:8]
R/W
0
window column pointer
Reg_6[7:0]
wcp_in[7:0]
R/W
0
window column pointer
Reg_7[2:0]
wcw_in[10:8]
R/W
1287
window column width
Reg_8[7:0]
wcw_in[7:0]
R/W
1287
window column width
Reg_9[2:0]
wrp[10:8]
R/W
0
window row pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com