Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 41 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 41 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 33Page - Pixart Imaging Inc. PAS005B Datasheet HTML 34Page - Pixart Imaging Inc. PAS005B Datasheet HTML 35Page - Pixart Imaging Inc. PAS005B Datasheet HTML 36Page - Pixart Imaging Inc. PAS005B Datasheet HTML 37Page - Pixart Imaging Inc. PAS005B Datasheet HTML 38Page - Pixart Imaging Inc. PAS005B Datasheet HTML 39Page - Pixart Imaging Inc. PAS005B Datasheet HTML 40Page - Pixart Imaging Inc. PAS005B Datasheet HTML 41Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PAS005B SENSOR BOARD
A1
PAS005-SENSORBOARD.DSN
<OrgName>
B
11
Wednesday, May 22, 2002
Title
Size
Document Number
Rev
Date:
Sheet
8. Referencing application circuit
of
VDDD
VDDAY
VDDA
VDDD
VDDAY
VDDD
VDDA
VDDD
PXCLK
HSYNC
VSYNC
PX0
PX4
PX7
PX2
CSB
SDA
PX5
SYSCLK
PX6
PX8
PX9
PX3
PX1
SCL
PX6
PX8
PXCLK
HSYNC
CSB
PX5
CSB
PX9
SCL
PX1
VSYNC
PX4
SYSCLK
PX7
SDA
PX2
PX3
PX0
JP1
JUMPER
1
2
C10
0.1uF
C11
0.1uF
JP1
HEADER 11X2
12
34
56
78
910
11
12
13
14
15
16
17
18
19
20
21
22
C1
10uF
C12
10uF
LED1
LED
R1
1.5K
C14
0.1uF
C7
0.1uF
C4
0.1uF
R2
27K
C13
0.1uF
C9
0.1uF
C16
0.1uF
L1
FB
C15
0.1uF
C5
0.1uF
C6
10uF
L2
FB
C3
0.1uF
C2
0.1uF
R3
300k
R4
300k
L3
FB
L4
FB
1
2
R5
300k
C17
1uF
R7
4.7K
R8
4.7K
PAS005B
U1
1
2
3
4
5
6
19
20
21
22
23
24
25
26
27
28
29
30
43
44
45
46
47
48
CSB
VDDD
VSSD
VSS_ESD
VDDA
X_VDDD
EXTRESN
EXTRESP
X_VREF
VSSA
VDDA
NC
X_VDDAY
VSSAY
VSSD
VDDD
SCL
SDA
SYSCLK
HSYNC
PXCLK
SYNC
NC
VSYNC
CSB_SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com