Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 3Page - Pixart Imaging Inc. PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. PAS005B Datasheet HTML 10Page - Pixart Imaging Inc. PAS005B Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Reg_30[3:0]
Cg_G1[3:0]
R/W
0
Color gain of color G1
Reg_31[3:0]
Cg_G0[3:0]
R/W
0
Color gain of color G0
Reg_32[3:0]
Cg_R[3:0]
R/W
0
Color gain of color R
Reg_33[2:0]
acc1_B[10:8]
R/W
0
2’s complement value for digital calibration of color
B
Reg_34[7:0]
acc1_B[7:0]
R/W
0
2’s complement value for digital calibration of color
G1
Reg_35[2:0]
acc1_G1[10:8]
R/W
0
2’s complement value for digital calibration of color
G1
Reg_36[7:0]
acc1_G1[7:0]
R/W
0
2’s complement value for digital calibration of color
G1
Reg_37[2:0]
acc1_G0[10:8]
R/W
0
2’s complement value for digital calibration of color
G0
Reg_38[7:0]
acc1_G0[7:0]
R/W
0
2’s complement value for digital calibration of color
G0
Reg_39[2:0]
acc1_R[10:8]
R/W
0
2’s complement value for digital calibration of color
R
Reg_40[7:0]
acc1_R[7:0]
R/W
0
2’s complement value for digital calibration of color
R
Reg_41[0]
flag
R/W
0
used to synchronize register update by frame when
fast_i2c is set 0
It will be reset to 0 till the first new frame is readout
after it is set to 1
Reg_42[2]
mode_chg_ena
R/W
1
when it is set to 1, the mode related registers will be
updated only after mode_chg is set to 1
Reg_42[1]
dac_pg_lag
R/W
0
DAC & PGA update delay 1 frame automatically
Reg_42[0]
fast_i2c
R/W
0
fast update of synchronized i2c registers
Reg_43[7]
sfrst_ena
R/W
0
source follower reset enable
Reg_43[6:5]
shr_ext[1:0]
R/W
1
SHR extension CDS_rst1:
00: 9 ck12 01: 14 ck12
10: 19 ck12 11: 24 ck12
Reg_43[4:2]
comp_crv[2:0]
R/W
0
companding curve
Reg_43[1]
Vsync_p
R/W
0
Vsync polarity
Reg_43[0]
Hsync_p
R/W
0
Hsync polarity
Reg_44[7:6]
dacor[1:0]
R/W
0
DAC output range
00: x1/8 01: x1/4
10: x1/2 11: x1
Reg_44[5:0]
offset[5:0]
R/W
1
offset value for ABC
Reg_45[7:0] Threshold_1_by4[7:0]
R/W
25
Threshold_1 divided by 4 for defect compensation
Reg_46[7:0] Threshold_2_by4[7:0]
R/W
13
Threshold_2 divided by 4 for defect compensation
Reg_47[5]
Defect_EnH
R/W
0
0: Defect compensation disable
1: Defect compensation enable
Reg_47[4]
ABC_EnH
R/W
0
ABC enable high
Reg_47[3]
Line_Avg_EnH
R/W
0
Line based digital calibration enable high
Reg_47[2]
Frm_Avg_EnH
R/W
0
Frame based digital calibration enable high
Reg_47[1:0]
Avg_num_index[1:0]
R/W
1
Number of pixels for Frame based digital calibration
00: 4 pixels 01: 8 pixels
10: 16 pixels 11: 32 pixels
Reg_48[6]
DSC_pd
R/W
0
Digital timing(column address, CDS timing) disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com