Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 18Page - Pixart Imaging Inc. PAS005B Datasheet HTML 19Page - Pixart Imaging Inc. PAS005B Datasheet HTML 20Page - Pixart Imaging Inc. PAS005B Datasheet HTML 21Page - Pixart Imaging Inc. PAS005B Datasheet HTML 22Page - Pixart Imaging Inc. PAS005B Datasheet HTML 23Page - Pixart Imaging Inc. PAS005B Datasheet HTML 24Page - Pixart Imaging Inc. PAS005B Datasheet HTML 25Page - Pixart Imaging Inc. PAS005B Datasheet HTML 26Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Hsync.
x x x x
x x
x x
322 pixels 0ut
x x x x
line time = 480+4(x)+4(D)+322+4(x) = 848 pixclks
x x x
480 pixclks
Pixclk_a
322 pixels out
Note: "x" indicates don't care PXD[9:0] , "D" dark.
x
D D D D
D D D D
Fig .4.3.5.2-1. Inter-line timing (default)
Hsync.
x x x x
x x
x x
322 pixels 0ut
x x x x
line time = cov[10:0]+480+4(x)+4(D)+322+4(x) pixclks
x x x
cov[10:0]
+480
Pixclk_a
322 pixels out
Note: "x" indicates don't care PXD[9:0] , "D" indicates dark.
x
D D D D
D D D D
Fig 4.3.5.2-2 Inter-line timing (programmable)
Valid frame data (242 lines)
Dark
Hsync.
480
Pixclks
480
Pixclks
Frame time(min) (=242 lines)
Vsync.
B,G,B,G...
G,R,G,R...
Dark
Dark
Dark
B,G,B,G...
Fig 4.3.5.2-3 Inter-frame timing (default)
Valid frame data
(242 lines)
Hsync.
Pixclks
Frame time = lpf[14:0]+3 lines
Vsync.
0
Dark
1
Dark
0
Dark
Valid frame data
(242 lines)
1
Dark
Fig .4.3.5.2-4 Inter-frame timing (programmable)
4.4 Snapshot mode
Typically, the snapshot mode must work with the aid of an external mechnical shutter. PAS005 support two
types of snapshot mode to fit the different exposure time request.
Snapshot mode 1: register seq_exp=1
When the exposure time is longer than the mechanical shutter speed limitation, snapshot mode 1 is chosen.
The exposure period is now controlled by the mechanisms of shutter opening and close as shown in Fig. 4.
The mechanical shutter can be trigger by the clock edge of output signal Vsync and all pixels will be exposure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com