Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 33 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 33 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 29Page - Pixart Imaging Inc. PAS005B Datasheet HTML 30Page - Pixart Imaging Inc. PAS005B Datasheet HTML 31Page - Pixart Imaging Inc. PAS005B Datasheet HTML 32Page - Pixart Imaging Inc. PAS005B Datasheet HTML 33Page - Pixart Imaging Inc. PAS005B Datasheet HTML 34Page - Pixart Imaging Inc. PAS005B Datasheet HTML 35Page - Pixart Imaging Inc. PAS005B Datasheet HTML 36Page - Pixart Imaging Inc. PAS005B Datasheet HTML 37Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
4.10 Reset management
There are five kinds of reset: “pu”, “csb”, “sfpd”, “sfrst”, “sync”. “pu” is the most strong reset. It reset full chip.
“csb” reset the full chip, but retain the register setting. “sfpd” reset the sensor core, but I2C interface is live.
“sfrst” is an register signal. Every time it is programmed to “1”, all the I2C registers are reset. After that, it will
be reset to zero. “sync” reset the sensor core timing. To avoid the recovering time problem, clock oscillating is
designed to start a little time after “pu”, “csb” and “sfpd” reset is released.
I2C control
sfrst
I2C Registers
Digital Core
CSB
PU
sfpd
Sync
(level signal)
A
B
D
Analog
Processing
Clock Reset::
I2C_sam : PU, CSB
ck12, pxck : PU, CSB, sfpd
Reset
C = A | sfpd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com