Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS005B Datasheet HTML 1Page - Pixart Imaging Inc. PAS005B Datasheet HTML 2Page - Pixart Imaging Inc. PAS005B Datasheet HTML 3Page - Pixart Imaging Inc. PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
1. Pin Assignment
25
X_VDDAY
I/O
Array Power
26
VSSAY
P
Array Ground
27
VSSD
P
Digital Ground
28
VDDD
P
Digital Power
29
SCL
I
I2C Serial Clock
30
SDA
I/O
I2C Serial Data
31
PX0
O
Dataout bit 0
32
PX1
O
Dataout bit 1
33
PX2
O
Dataout bit 2
34
PX3
O
Dataout bit 3
35
PX4
O
Dataout bit 4
36
VDDQ
P
I/O Driver Power
37
VSSQ
P
I/O Driver Ground
38
PX5
O
Dataout bit 5
39
PX6
O
Dataout bit 6
40
PX7
O
Dataout bit 7
41
PX8
O
Dataout bit 8
42
PX9
O
Dataout bit 9
43
SYSCLK
I
System Clock
44
HSYNC
O
Horizontal Sync
45
PXCLK
O
Pixel Clock
46
SYNC
I
External Sync
47
NC
-
Not connected
48
VSYNC
O
Vertical Sync
Pin#
Name
Type
Description
1
CSB
I
Chip Select Bar
2
VDDD
P
Digital Power
3
VSSD
P
Digital Ground
4
VSS_ESD
P
ESD Ground
5
VDDA
P
Analog Power
6
X_VDDD
I/O
Internal digital power
7
VLRST
I/O
VLRST
8
I_PXON
I/O
Analog test output N
9
I_PXOP
I/O
Analog test output P
10
I_PXIN
I/O
Analog test input N
11
I_PXIP
I/O
Analog test input P
12
VSSX
P
Regulator Ground
13
VDDX
P
Regulator Power
14
X_VRB
O
Voltage Reference Bottom
15
X_VRT
O
Voltage Reference Top
16
X_VCM
O
Voltage Common Mode
17
VSSX
P
Regulator Ground
18
X_VCM
O
Voltage Common Mode
19
EXTRESN
I
External R N_node
20
EXTRESP
I
External R P_node
21
X_VREF
O
Voltage Reference testpoint
22
VSSA
P
Analog Ground
23
VDDA
P
Analog Power
24
NC
-
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com