Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAS005B Datasheet HTML 1Page - Pixart Imaging Inc. PAS005B Datasheet HTML 2Page - Pixart Imaging Inc. PAS005B Datasheet HTML 3Page - Pixart Imaging Inc. PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
2. Block Diagram
Image Array
1308x1040
CDS
Column decoder
FG
GG
CG
10b A/D
9b D/A
Frame
ABC-A
Frame
ABC-D
Line
ABC-D
x2~x3.5
(2b)
X1~x2.875
(4b)
X1~x4.1
(5b)
1b: sign
8b: magnitude
Defect
Compensation
Timing generator
& control logic
Front Gain
Color Gain
R:G1:G2:B
Global Gain
Color DAC
R:G1:G2:B
Companding
ABC : Auto-Background Compensation.
Frame ABC-A : Frame based ABC-Analog domain.
Frame ABC-D : Frame based ABC-Digital domain.
Line ABC-D
: Line based ABC-Digital domain.
Averaged
Sub-sampling
function
Figure 2.1. Shows the PAS005 sensor block diagram
The PAS005 is a 1/2 –inch CMOS imaging sensor with 1308x1040 physical pixels. The active region of
sensor array is 1288x1028 as shown in Fig. 2.1. The sensor array is cover with Bayer pattern color filters and
U-lens. The first pixel location <0,0> is programmable in 2 direction (X and Y) and the default value is at the
left-down side of sensor array.
After a programmable exposure time, the image is sampled first with CDS (Correlated Double Sampling)
block to improve S/N ration and reduce fixed pattern noise. The optional XY-averaged function is
implemented to improve the sub-samapling image quality. It can reduce the sawtooth edge in VGA and CIF
format output.
Three analog gain stages are implemented before signal transferred by the 10b ADC. The front gain stage (FG)
can be programmed to fit the saturation level of sensor to the full-range input of ADC. The programmable
color gain stage (CG) is used to balance the luminance response difference between B/G/R. The global gain
stage (GG) is programmed to adapt the gain to the image luminance.
The fine gained signal will be digitized by the on-chip 10b ADC. After the image data has been digitized,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com