Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. PAS005B Datasheet HTML 10Page - Pixart Imaging Inc. PAS005B Datasheet HTML 11Page - Pixart Imaging Inc. PAS005B Datasheet HTML 12Page - Pixart Imaging Inc. PAS005B Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Reg_54[3]
extR_EnH
R/W
0
Bias current generated by external resistor enable
high
Reg_54[2]
bgp_EnH
R/W
0
Bandgap reference enable high
Reg_54[1]
ext2p5v_EnH
R/W
0
External 2.5V digital power enable high
Reg_54[0]
2p5vNdrv_EnH
R/W
0
X_VDDD with NMOS drive enable high
Reg_55[0]
sfpd
R/W
0
software power down:
Sensor core will be powered down if it is set to 1 but
I2C interface will be live.
Reg_56[0]
soft_rst
R/W
0
software reset:
It is used to reset the full registers to default value.
Reg_57[3]
Dac_B_sign_
ABC
R
0
The converge sign of color B when ABC is enable
Reg_57[2]
Dac_G1_sign_
ABC
R
0
The converge sign of color G1 when ABC is enable
Reg_57[1]
Dac_G0_sign_
ABC
R
0
The converge sign of color G0 when ABC is enable
Reg_57[0]
Dac_R_sign_
ABC
R
0
The converge sign of color R when ABC is enable
Reg_58[7:0]
Dac_B_ABC[7:0]
R
0
The converge value of color B when ABC is enabled
Reg_59[7:0]
Dac_G1_ABC[7:0]
R
0
The converge value of color G1 when ABC is
enabled
Reg_60[7:0]
Dac_G0_ABC[7:0]
R
0
The converge value of color G0 when ABC is
enabled
Reg_61[7:0]
Dac_R_ABC[7:0]
R
0
The converge value of color R when ABC is enabled
Reg_62[4:0] acc1_B_FrmAvg[12:8]
R
0
The converge value of color B when frame based
digital calibration is enabled.
Reg_63[7:0] acc1_B_FrmAvg[7:0]
R
0
The converge value of color B when frame based
digital calibration is enabled.
Reg_64[4:0]
acc1_G1_FrmAvg[12:8
]
R
0
The converge value of color G1 when frame based
digital calibration is enabled.
Reg_65[7:0] acc1_G1_FrmAvg[7:0]
R
0
The converge value of color G1 when frame based
digital calibration is enabled.
Reg_66[4:0]
acc1_G0_FrmAvg[12:8
]
R
0
The converge value of color G0 when frame based
digital calibration is enabled.
Reg_67[7:0] acc1_G0_FrmAvg[7:0]
R
0
The converge value of color G0 when frame based
digital calibration is enabled.
Reg_68[4:0] acc1_R_FrmAvg[12:8]
R
0
The converge value of color R when frame based
digital calibration is enabled.
Reg_69[7:0] acc1_R_FrmAvg[7:0]
R
0
The converge value of color R when frame based
digital calibration is enabled.
0
Part_ID[11:4]
R
1
Part_ID[3:0]
VerID
R
2
Np_i2c[3:0]
R/W
3
Np[5:0]
R/W
4
single_
path
cm
rrc
rrr
cf[1:0]
rf[1:0]
R/W
5
wcp_in[10:8]
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com