Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 28 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 28 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 24Page - Pixart Imaging Inc. PAS005B Datasheet HTML 25Page - Pixart Imaging Inc. PAS005B Datasheet HTML 26Page - Pixart Imaging Inc. PAS005B Datasheet HTML 27Page - Pixart Imaging Inc. PAS005B Datasheet HTML 28Page - Pixart Imaging Inc. PAS005B Datasheet HTML 29Page - Pixart Imaging Inc. PAS005B Datasheet HTML 30Page - Pixart Imaging Inc. PAS005B Datasheet HTML 31Page - Pixart Imaging Inc. PAS005B Datasheet HTML 32Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
when
system clock 48M hz
pxclk
24M hz
exposure time
8/120 sec
Please keep L_P_F = 1027
And Calculate Ny = ? and Ne = ? ,
Application
System_clk
Np
Pixel_clk(MHz)
48
2
24
Power frequency
EX_time (x/120)
60HZ
8
L_P_F
cov
frame_rate<10
1027
0
Register setting
CM
row_average
CDSx2
single_path
1
0
1
0
Wcw
Wrd
cf
rf
1287
1027
0
0
Key in Register
L_P_F
Ny
Ne
t_line
1027
131
159
1780
1.
Exposure Tim ={ [(LPF+1+2) - Ny] * t_line - Ne' } / Pxclk
2. t_line = (active_line_pixel + t_nov + 12) = 1300 + 480 + 12 = 1780 Pxclk
t_nov = 480 + Cov Pxclk
3. Ny = INT[(L_P_F+3) - (( EX_Time * Pxclk ) / t_line)]
131 = INT [(1027+3 ) - (( 8/120
* 24 M ) / 1780 )]
4.Ne = Res[(L_P_F + 3) - (( EX_Time * Pixel_clk ) / t_line)] * active_line_pixel
159 = Res[(1027
+3) - (( 8/120
*24 M
) / 1780 )]
* 1300
line
t
LPF
_
)
2
1
(
1
⋅
+
+
= 1/(1027+3)* 1780 = 13 (per/sec)
5. Frame rate =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com