Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS005B Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS005B Datasheet HTML 1Page - Pixart Imaging Inc. PAS005B Datasheet HTML 2Page - Pixart Imaging Inc. PAS005B Datasheet HTML 3Page - Pixart Imaging Inc. PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
PAS005B
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10/1/03 V1.0,
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PAS005B SXGA Color/Mono Digital CMOS Image Sensor
General Description
The PAS005B is a highly integrated CMOS active-pixel image sensor that has a SXGA resolution of 1280(H) x
1024(V). To have an excellent image quality, the PAS005B outputs 10-bit RGB raw data through a parallel data
bus. It is available in color or monochrome in 48-pin LCC.
The PAS005B can be programmed to set the exposure time for different luminance conditions via I
2CTM serial
control bus. By programming the internal register sets, it performs on-chip frame rate adjustment, offset correction
DAC, programmable gain control, 10-bits ADC, 8-bits output companding, interpolated sub-sampling and defect
compensation.
Key Specification
Supply voltage
3.3V + 10%
Array formate
1280(H) x 1024(V)
Optical format
1/2 ”
Pixel size
5.4µmX5.4µm
Frame rate
~10 fps @ full video
System clock
Up to 48 MHz
Max. pixel rate
16 MHz
FPN
7.05 level
Sensitivity
553 level/Lux*sec
PGA gain
26dB(Max.)
Color filter
RGB Bayer Pattern
Exposure time
~ Frame time to 1 pixel CLK
Scan mode
Progressive
S/N Ratio
45dB
Power
< 150 mW @ 10fps
Package
48-pin LCC
Features
SXGA(1280x1024 pixels) resolution, 1/2” Lens
Bayer-RGB color filter array
On-chip 10-bit pipelined A/D converter
User selectable digital output formats:
10-bit parallel RGB raw data
Formatted data output
On-chip 9-bit background compensation DAC
On-chip programmable gain amplifier
4-bit color gain amplifier (x3 )
5-bit global gain amplifier (x4 )
Continuous variable frame time(1/2sec~1/30sec)
Continuous variable exposure time
I
2CTM Interface
External synchronization support
Single 3.3V supply voltage
150 mW low power dissipation(<100mW@VGA,
30fps)
200 uW low power down dissipation
Support flash light timing
Mirror readout (vertical & horizontal)
Windowing
Interpolated Sub-sampling: 1/2, 1/4, 1/8


Similar Part No. - PAS005B

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
PAS005 APEX-ELECTRONICS-PAS005 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
More results

Similar Description - PAS005B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
CIF COLOR CMOS IMAGE SENSOR
logo
Samsung semiconductor
S5K3A1EA SAMSUNG-S5K3A1EA Datasheet
327Kb / 34P
(1/3??SXGA CMOS Image Sensor)
logo
National Semiconductor ...
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
List of Unclassifed Man...
ICM320T ETC-ICM320T Datasheet
1Mb / 30P
3.2 Megapixel QXGA Digital Color CMOS Image Sensor
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAS109B PIXART-PAS109B Datasheet
545Kb / 15P
PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com