Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
6
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DVDD1
Supply
Digital positive supply
2
XTLIN
Digital input
Clock crystal connection or clock input (XTAL not used)
3
XTLOUT
Digital output
Clock crystal connection
4
DVSS1
Supply
Digital ground supply
5
SDATAOUT
Digital input
Serial data input
6
BITCLK
Digital output (master)
Digital input (slave)
Serial interface clock output to AC’97 controller
or input from AC’97 master codec
7
DVSS2
Supply
Digital ground supply
8
SDATAIN
Digital output
Serial data output to AC’97 controller
9
DVDD2
Supply
Digital positive supply
10
SYNC
Digital input
Serial interface sync pulse from AC’97 controller
11
RESETB
Digital input
NOT reset input (active low, resets registers)
12
PCBEEP
Analogue input
Mixer input, typically for PCBEEP signal
13
PHONE
Analogue input
Mixer input, typically for PHONE signal
14
AUXL
Analogue input
Mixer input, typically for AUX signal
15
AUXR
Analogue input
Mixer input, typically for AUX signal
16
VIDEOL
Analogue input
Mixer input, typically for VIDEO signal
17
VIDEOR
Analogue input
Mixer input, typically for VIDEO signal
18
CDL
Analogue input
Mixer input, typically for CD signal
19
CDGND
Analogue input
CD input common mode reference (ground)
20
CDR
Analogue input
Mixer input, typically for CD signal
21
MIC1
Analogue input
Mixer input with extra gain if required
22
MIC2
Analogue input
Mixer input with extra gain if required
23
LINEINL
Analogue input
Mixer input, typically for LINE signal
24
LINEINR
Analogue input
Mixer input, typically for LINE signal
25
AVDD1
Supply
Analogue positive supply
26
AVSS1
Supply
Analogue ground supply, chip substrate
27
VREF(1)
Analogue output
Buffered CAP2
28
VREFOUT
Analogue output
Reference for microphones; buffered CAP2
29
AFILT1(1)
Analogue output
Buffered CAP2
30
MODE0
Digital input
6 channel support I
2S enable
31
CAP1(1)
Analogue output
Buffered CAP2
32
CAP2
Analogue input
Reference input/output; pulls to midrail if not driven
33
CX3D1
Analogue output
Output pin for 3D difference signal
34
CX3D2
Analogue input
Input pin for 3D difference signal
35
LINEOUTL
Analogue output
Main analogue output for left channel
36
LINEOUTR
Analogue output
Main analogue output for right channel
37
MONOOUT
Analogue output
Main mono output
38
AVDD2
Supply
Analogue positive supply
39
LNLVLOUTL
Analogue output
Left channel line level output
40
MODE1
Digital input
Mode select pin, internal pull down
41
LNLVLOUTR
Analogue output
Right channel line level output
42
AVSS2
Supply
Analogue ground supply, chip substrate
43
GPIO1
Programmable I/O
GPIO or I
2S
44
GPIO2
Programmable I/O
GPIO or I
2S
45
CID0
Digital input
Master/slave ID select (internal pull-up)
46
CID1
Digital input
Master/slave ID select (internal pull-up)
47
EAPD
Digital output
External amplifier power down/GPO
48
GPIO3
Programmable I/O
GPIO
Note:
1. Pins 27, 29 and 31 have an internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com