Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Production Data
WM9704M
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
23
SLOT 3: PCM RECORD LEFT CHANNEL
Audio input frame slot 3 is the left channel output of the WM9704M’s input Mux, post-ADC.
The WM9704M’s ADCs can be implemented to support 16, 18, or 20-bit resolution. The WM9704M
ships out its ADC output data (MSB first), and stuffs any trailing non-valid bit positions with 0s to fill
out its 20-bit time slot.
SLOT 4: PCM RECORD RIGHT CHANNEL
Audio input frame slot 4 is the right channel output of the WM9704M’s input Mux, post-ADC.
The WM9704M’s ADCs can be implemented to support 16, 18, or 20-bit resolution.
The WM9704M ships out its ADC output data (MSB first), and stuffs any trailing non-valid bit
positions with 0s to fill out its 20-bit time slot.
SLOT 5: OPTIONAL MODEM LINE 1 CODEC
Audio input frame slot 5 contains MSB justified, modem ADC output data. When the device is in
Modem Mode (11), then right channel ADC data is output into this slot as well as onto the normal
PCM right channel slot.
SLOT 10: OPTIONAL MODEM LINE 2 CODEC
Audio input frame slot 10 contains MSB justified, modem ADC output data. When the device is in
Modem Mode (11), then left channel ADC data is output into this slot as well as onto the normal PCM
left channel slot.
SLOT 6: OPTIONAL DEDICATED MICROPHONE RECORD DATA
Audio input frame slot 6 is an optional (post-ADC) third PCM system, input channel available for
dedicated use by a desktop microphone. This optional AC’97 feature is not supported by the
WM9704M. This may be determined by the AC’97 controller interrogating the WM9704M Vendor ID
register.
SLOTS 7 TO 11: RESERVED
Audio input frame slots 7 to 12 are reserved for future use and are always stuffed with 0s by AC ‘97.
Slot 10 is filled with left ADC data in modem mode.
SLOT 12:
GPIO functions supported
AC-LINK LOW POWER MODE
The AC-link signals can be placed in a low power mode. When the WM9704M’s Powerdown Register
(26h), is programmed to the appropriate value, both BIT_CLK and SDATA_IN will be brought to, and
held at a logic low voltage level.
BIT_CLK and SDATA_IN are transitioned low immediately following the decode of the write to the
Powerdown Register (26h) with PR4. When the AC’97 controller driver is at the point where it is
ready to program the AC-link into its low power mode, slots 1 and 2 are assumed to be the only valid
stream in the audio output frame. At this point in time it is assumed that all sources of audio input
have also been neutralised.
The AC’97 controller should also drive SYNC and SDATA_OUT low after programming the
WM9704M to this low power, “halted” mode.
Once the WM9704M has been instructed to halt BIT_CLK, a special “wake up” protocol must be
used to bring the AC-link to the active mode since normal audio output and input frames can not be
communicated in the absence of BIT_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com