Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
24
WAKING UP THE AC-LINK
There are 2 methods for bringing the AC-link out of a low power, halted mode. Regardless of the
method, it is the AC’97 controller that performs the wake up task.
AC-link protocol provides for a “Cold WM9704M Reset”, and a “Warm WM9704M Reset”.
The current powerdown state would ultimately dictate which form of WM9704M reset is appropriate.
Unless a “cold” or “register” reset (a write to the Reset register) is performed, wherein the WM9704M
registers are initialised to their default values, registers are required to keep state during all
powerdown modes.
Once powered down, re-activation of the AC-link via re-assertion of the SYNC signal must not occur
for a minimum of 4 audio frame times following the frame in which the powerdown was triggered.
When AC-link powers up it indicates readiness via the Codec Ready bit (input slot 0, bit 15).
COLD WM9704M RESET
A cold reset is achieved by asserting RESETB for the minimum specified time. By driving RESETB
low, BIT_CLK, and SDATA_OUT will be activated, or re-activated as the case may be, and all the
WM9704M control registers will be initialised to their default power on reset values.
RESETB is an asynchronous WM9704M input.
WARM WM9704M RESET
A warm WM9704M reset will re-activate the AC-link without altering the current WM9704M register
values. A warm reset is signalled by driving SYNC high for a minimum of 1
µs in the absence of
BIT_CLK.
Within normal audio frames SYNC is a synchronous input. In the absence of BIT_CLK, SYNC is
treated as an asynchronous input used in the generation of a warm reset to the WM9704M. The
WM9704M will not respond with the activation of BIT_CLK until SYNC has been sampled low again
by the WM9704M. This will preclude the false detection of a new audio frame.
SERIAL INTERFACE REGISTER MAP DESCRIPTION
(See Table 22)
The serial interface bits perform control functions described as follows: Note that the register map is
fully specified by the AC’97 specification, and this description is simply repeated below, with optional
unsupported features omitted.
RESET REGISTER (INDEX 00H)
Writing any value to this register performs a register reset, which causes all registers to revert to their
default values. Reading this register returns the ID code of the part, indication of modem support (not
supported by the WM9704M) and a code for the type of 3D stereo enhancement.
BIT
FUNCTION
VALUE ON
WM9704M
ID0
Dedicated Mic PCM in channel
0
ID1
Modem line codec support
0
ID2
Bass and treble control
0
ID3
Simulated stereo (mono to stereo)
0
ID4
Headphone out support
0
ID5
Loudness (bass boost) support
0
ID6
18-bit DAC resolution
1
ID7
20-bit DAC resolution
0
ID8
18-bit ADC resolution
1
ID9
20-bit ADC resolution
0
SE4...SE0
3D stereo enhancement technique
11000
Table 9 Reset Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com