Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
28
PR0 = 1
PR1 = 1
PR2 = 1
PR4 = 1
PR0 = 0 AND
ADC = 1
DEFAULT
READY = 1
COLD RESET
WARM
RESET
PR2 = 0 AND
ANL = 1
PR1 = 0 AND
DAC = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2 OR
PR3
DIGITAL I/F
OFF PR4
SHUT OFF
CODA LINK
NORMAL
Figure 13 An Example of the WM9704M Powerdown/Powerup Flow
Figure 13 illustrates one example procedure to do a complete powerdown of the WM9704M. From
normal operation sequential writes to the Powerdown Register are performed to powerdown the
WM9704M a piece at a time. After everything has been shut off (PR0 to PR3 set), a final write (of
PR4) can be executed to shut down the WM9704M’s digital interface (AC-link).
The part will remain in sleep mode with all its registers holding their static values. To wake up the
WM9704M, the AC’97 controller will send a pulse on the sync line issuing a warm reset. This will
restart the WM9704M’s digital interface (resetting PR4 to 0). The WM9704M can also be woken up
with a cold reset. A cold reset will cause a loss of values of the registers, as a cold reset will set them
to their default states. When a section is powered back on, the Powerdown Control/Status register
(index 26h) should be read to verify that the section is ready (i.e. stable) before attempting any
operation that requires it.
Alternatively if RESETB is held low, all PR bits are held set so the device is held powered off until
RESETB is taken high again.
PR1 = 1
PR2 = 1
PR4 = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2 OR
PR3
DIGITAL I/F
OFF PR4
WARM RESET
PR1 = 0
AND
DAC = 1
PR2 = 0 AND
ANL = 1
SHUT OFF
CODA LINK
Figure 14 The WM9704M Powerdown/Flow with Analogue Still Alive
Figure 14 illustrates a state when all the mixers should work with the static volume settings that are
contained in their associated registers. This is used when the user could be playing a CD (or external
LINE_IN source) through WM9704M to the speakers but have most of the system in low power
mode. The procedure for this follows the previous except that the analogue mixer is never shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com