Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Production Data
WM9704M
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
19
In this way data streams of differing sample rates can be transmitted across AC-link at its fixed
48kHz audio frame rate. Figure 9 illustrates the time slot based AC-link protocol.
SYNC
BIT_CLK
SDATA_OUT
VALID
FRAME
SLOT (1)
SLOT (2)
WM9704M SAMPLES
SYNC ASSERTION HERE
WM9704M SAMPLES
FIRST SDATA_OUT
BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
Figure 10 Start of an Audio Output Frame
A new audio output frame begins with a low to high transition of SYNC as shown in Figure 10. SYNC
is synchronous to the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK,
the WM9704M samples the assertion of SYNC. This falling edge marks the time when both sides of
AC-link are aware of the start of a new audio frame. On the next rising edge of BIT_CLK, AC’97
transitions SDATA_OUT into the first bit position of slot 0 (“Valid Frame” bit). Each new bit position is
presented to AC-link on a rising edge of BIT_CLK, and subsequently sampled by the WM9704M on
the following falling edge of BIT_CLK. This sequence ensures that data transitions and subsequent
sample points for both incoming and outgoing data streams are time aligned.
Baseline AC’97 specified audio functionality MUST ALWAYS sample rate convert to and from a fixed
48ks/s on the AC’97 controller.
This requirement is necessary to ensure that interoperability between the AC’97 controller and the
WM9704M, among other things, can be guaranteed by definition for baseline specified AC’97
features.
SDATA_OUT’s composite stream is MSB justified (MSB first) with all non-valid slot bit positions
stuffed with 0s by the AC’97 controller.
In the event that there are less than 20 valid bits within an assigned and valid time slot, the AC’97
controller always stuffs all trailing non-valid bit positions of the 20-bit slot with 0s.
As an example, consider an 8-bit sample stream that is being played out to one of the WM9704M’s
DACs. The first 8 bit positions are presented to the DAC (MSB justified) followed by the next 12 bit
positions, which are stuffed with 0s by the AC’97 controller. This ensures that regardless of the
resolution of the implemented DAC (16, 18 or 20-bit), no DC biasing will be introduced by the least
significant bits.
When mono audio sample streams are output from the AC’97 controller, it is necessary that BOTH
left and right sample stream time slots be filled with the same data.
SLOT 1: COMMAND ADDRESS PORT
The command port is used to control features, and monitor status (see Figure 12) for the WM9704M
functions including, but not limited to, mixer settings, and power management (refer to the register
section). The control interface architecture supports up to 64, 16-bit read/write registers, addressable
on even byte boundaries. Only the even registers (00h, 02h, etc.) are valid, odd register (01h, 03h,
etc.) accesses are discouraged (if supported they should default to the preceding even byte
boundary - i.e. a read to 01h will return the 16-bit contents of 00h). The WM9704M’s control register
file is nonetheless readable as well as writeable to provide more robust testability.
Audio output frame slot 1 communicates control register address, and read/write command
information to the WM9704M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com