Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
16
MODE
ID
SLOTS MAPPED TO
FRONT DACS
SLOTS MAPPED TO REAR
DACS
00 or 01
3 and 4
10
7 and 8
Rev 2.1
(00)
11
6 and 9
Not supported
in this mode
00 or 01
3 and 4
10
7 and 8
Modem (11)
11
6 and 9
5
(or 5 & 10 if DLM set)
Table 7 Slot to DAC Mapping Based on Mode and Codec ID
SLAVE CODEC REGISTER ACCESS DEFINITIONS
Master Codec access is exactly as defined for AC’97. For slave Codec access, the AC’97 Digital
Controller must invalidate the tag bits for Slot 1 and 2 Command Address and Data (Slot 0, bits 14
and 13) and place a non-zero value (01, 10, or 11) into the Codec ID field (Slot 0, bits 1 and 0).
Slave Codecs disregard the Command Address and Command Data (Slot 0, bits 14 and 13) tag bits
when they see a 2-bit Codec ID value (Slot 0, bits 1 and 0) that matches their configuration. In a
sense the Slave Codec ID field functions as an alternative Valid Command Address (for Slave reads
and writes) and Command Data (for Slave writes) tag indicator.
Slave Codecs must monitor the Frame Valid bit, and ignore the frame (regardless of the state of the
Slave Codec ID bits) if it is not valid. AC’97 Digital Controllers should set the frame valid bit for a
frame with a slave register access, even if no other bits in the output tag slot except the Slave Codec
ID bits are set.
OUTPUT TAG SLOT (16-BITS)
BIT
DESCRIPTION
15
Frame Valid
14
Slot 1 Valid Command Address Bit (Master Codec only)
13
Slot 2 Valid Command Data Bit (Master Codec only)
12-3
Slot 3-12 Valid Bits as defined by AC’97
2
Reserved (Set to 0)
1-0
2-bit Codec ID field (00 reserved for Master; 01, 10, 11 indicate Slave)
New definitions for Slave Codec Register Access
Table 8 Slave Codec Register Access Slot 0-Bit Definitions
CONTROL INTERFACE
A digital interface has been provided to control the WM9704M and transfer data to and from it. This
serial interface is compatible with the Intel AC’97 specification as illustrated in the System Diagram
(Figure 7).
The main control interface functions are:
•
Control of analogue gain and signal paths through the mixer
•
Bi-directional transfer of ADC and DAC words to and from AC’97 controller
•
Selection of powerdown modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com