Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
22
SYNC
BIT_CLK
SDATA_IN
CODEC
READY
SLOT (1)
SLOT (2)
WM9704M SAMPLES
SYNC ASSERTION HERE
AC’97 CONTROLLER
SAMPLES FIRST SDATA_IN
BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
Figure 12 Start of an Audio Input Frame
A new audio input frame begins with a low to high transition of SYNC as shown in Figure 12. SYNC
is synchronous to the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK,
AC’97 samples the assertion of SYNC. This falling edge marks the time when both sides of AC-link
are aware of the start of a new audio frame.
On the next rising of BIT_CLK, AC’97 transitions
SDATA_IN into the first bit position of slot 0 (“Codec Ready” bit). Each new bit position is presented
to AC-link on a rising edge of BIT_CLK, and subsequently sampled by the AC’97 Controller on the
following falling edge of BIT_CLK.
This sequence ensures that data transitions and subsequent
sample points for both incoming and outgoing data streams are time aligned.
SDATA_IN’s composite stream is MSB justified (MSB first) with all non-valid bit positions (for
assigned and/or unassigned time slots) stuffed with 0s by the WM9704M. SDATA_IN should be
sampled on the falling edges of BIT_CLK.
SLOT 1: STATUS ADDRESS PORT
The status port is used to monitor status for the WM9704M functions including, but not limited to,
mixer settings, and power management.
Audio input frame slot 1 echoes the control register index, for historical reference, for the data to
be returned in slot 2. (Assuming that slots 1 and 2 had been tagged “valid” by the WM9704M during
slot 0).
STATUS ADDRESS PORT BIT ASSIGNMENTS:
Bit (19)
RESERVED (stuffed with 0s)
Bit (18:12)
Control register index (echo of register index for which data is
being returned)
Bit (11:2)
Variable sample rate SLOTREQ bits.
Bit (1:0)
RESERVED (stuffed with 0s)
The first bit (MSB) generated by the WM9704M is always stuffed with a 0. The following 7 bit
positions communicate the associated control register address. The next 10 bits support the AC’97
Rev 2.1 variable sample rate signalling protocol, and the trailing 2 bit positions are stuffed with 0s by
AC’97.
SLOT 2: STATUS DATA PORT
The status data port delivers 16-bit control register read data.
Bit (19:4)
Control register read data (stuffed with 0s if tagged “invalid” by
WM9704M)
Bit (3:0)
RESERVED (stuffed with 0s)
If slot 2 is tagged “invalid” by the WM9704M, then the entire slot will be stuffed with 0s by the
WM9704M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com