Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Production Data
WM9704M
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
15
REV 2.1 MODE (00)
MODEM MODE (11)
PGA
ID
CONTROL
REG
MUTE DEFAULT
CONTROL
REG
MUTE DEFAULT
Front DAC
PGA
0x
10
11
18h
Muted (bit15)
AND with 38h,7,15
AND with 36h,7,15
18h
Muted (bit15)
AND with 38h,7,15
AND with 36h,7,15
Rear DAC
PGA
0x
10
11
70h
Muted (bit15)
and powered off
70h
AND with 04h, 15
Front Mixer
0x
10
11
72h
Not-muted (bit15)
72h
Not-muted (bit15)
Rear Mixer
0x
10
11
74h
Permanently muted
74h
Permanently muted
Front
Volume
0x
10
11
02h
38h
36h
Muted (15)
muted (7 and 15)
muted (7 and 15)
02h
38h
36h
Muted (15)
muted (7 and 15)
muted (7 and 15)
Rear
Volume
0x
10
11
04h
Muted (bit15) Rev 2.1
switch enabled
04h
Muted (bit 15)
Table 4 Gain Control Register Location Versus Mode and ID
MASTER/SLAVE ID0/1 SUPPORT
WM9704M supports operation as either a master or a slave codec. Configuration of the device as
either a master or as a slave, is selected by tying the ID pins CID0 and CID1, pins 45 and 46 on the
package.
Fundamentally, a device identified as a master (ID = 00) produces BITCLK as an output, whereas a
slave (any other ID) must be provided with BITCLK as an input. This has the obvious implication that
if the master device on an AC link is disabled, the slave devices cannot function.
The AC’97 Rev 2.1 specification defines that the ID pins have inverting sense, and are provided with
internal weak pull ups. Therefore, if no connections are made to the CID0/1 pins, then the pins pull
‘hi’ and an ID = 00 is selected, i.e. ‘master’. External connects to ground will select other IDs.
PIN46 CID1
PIN45 CID0
ID SELECTED
MASTER OR SLAVE
BITCLK
NC
NC
00
Master
Output
NC
Ground
01
Slave
Input
Ground
NC
10
Slave
Input
Ground
Ground
11
Slave
Input
Table 5 ID Selection
WM9704M supports the AMAP function whereby selection of an ID will automatically map the data
from the interface onto the PCM DACs.
AC–LINK FRAME DATA
USED FOR DACS
CODEC
ID
PCM left DAC uses
data from slot #
PCM right DAC uses
data from slot #
COMMENTS
00
3
4
Original definition (master)
01
3
4
Original definition (docking)
The codec ID is available to the controller via registers 28h and 3c, bits D15 and D14
Table 6 Default Slot to DAC Mappings Based on Codec ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com