Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Production Data
WM9704M
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
29
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26H)
Note that in order to go into ultimate low power mode, PR5 is required to be set which turns
off the oscillator circuit. Asserting SYNC resets the PR5 bit and re-starts the oscillator in the
same was as the AC link is restarted.
Also when RESETB pin is asserted low, all PR bits are over-ridden and the entire device is
powered off to ultra low power state for as long as RESETB = low. On releasing RESETB,
the device is reset (all active) and powered up.
REV 2.1 REGISTERS (INDEX 28H T0 58H)
These registers are specified as to use in Rev 2.1 of the AC’97 specification and have the following
functions on the WM9704M:
REGISTER 28H – EXTENDED AUDIO ID
The Extended Audio ID register is a read only register that identifies which extended audio features
are supported (in addition to the original AC’97 features identified by reading the reset register at
index 00h). A non-zero value indicates the feature is supported.
DATA BIT
FUNCTION
VALUE
VRA
Variable rate audio support
1
DRA
Double rate audio support
0
VRM
Variable rate Mic ADC support
0
CDAC
Centre DAC support
0
SDAC
Surround DAC support
0 (unless I
2S = 1)
LDAC
LFE DAC support
0 (unless I
2S = 1)
AMAP
Slot to front DAC mapping support
1
ID1
Codec configuration – pin 45 value
Inverse of level at pin 45
ID0
Codec configuration – pin 46 value
Inverse of level at pin 46
Table 18 Extended Audio Capability Register
REGISTER 2AH - EXTENDED AUDIO STATUS AND CONTROL REGISTER
The Extended Audio Status and Control Register is a read/write register that provides status and
control of the extended audio features.
DATA BIT
FUNCTION
READ/WRITE
WM9704M SUPPORT
VRA
Enables variable rate audio mode
Read/write
Yes
DRA
Enable double rate audio mode
Read/write
No
VRM
Enables variable rate Mic ADC
Read/write
No
CDAC
Indicates centre DAC ready
Read
Yes
SDAC
Indicates surround DAC ready
Read
Yes
LDAC
Indicates LFE DAC ready
Read
Yes
MADC
Indicates Mic ADC ready
Read
No
PRI
Set to turn off centre DAC
Read/write
Enable only
PRJ
Set to turn off surround DACs
Read/write
Enable only
PRK
Set to turn off LFE DACs
Read/write
Enable only
PRL
Set to turn off Mic ADC
Read/write
No
Table 19 Extended Audio Status and Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com