Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9704CFT/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
WM9704M
AMC’97 Audio and Modem Codec
Production Data, January 2001, Rev 3.2
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
 2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
WM9704M is a high quality audio codec compliant with the
AC'97 Revision 2.1 specification. The WM9704M has a
proprietary mode which can meet the requirements of an
AMC’97 codec. It performs full duplex 18-bit codec functions
from 8 to 48ksamples/s and offers excellent quality with
high SNR. Features include 3D sound and line-level
outputs. Support is also provided for variable sample rates
and master/slave mode operation.
In modem mode the device supports simultaneous modem
and stereo playback.
WM9704M is interchangeable with AC'97 Codecs from
Wolfson and other suppliers in the basic Revision 2.1 mode.
WM9704M is fully operable with 3.3V or 5V or mixed
3.3/5.0V supplies and is packaged in an industry standard
48-pin TQFP package.
FEATURES
•
4 DAC channels, stereo ADC
•
S/N ratio > 95dB
•
Variable rate audio and modem support
•
Analogue 3D stereo enhancement
•
Line level outputs
•
Master/slave ID selection
•
Low power implementation
•
3.3V or 5V operation
•
48-pin TQFP package
APPLICATIONS
• Simultaneous modem operation and stereo playback
BLOCK DIAGRAM
(2) XTLIN
(3) XTLOUT
Σ
Σ
MUX
(37) MONOOUT
(39,41)
LINEOUT
(REAR)
(35,36)
LINEOUT
(FRONT)
Σ
(45) CID0
(46) CID1
(43,44,48)
GPIO[1:3]
(6) BITCLK
(10) SYNC
(8) SDATAIN
(5) SDATAOUT
(11) RESETB
(47) EAPD
(30) MODE0
(40) MODE1
REV. 2.1
SWITCH
REAR
STEREO
DAC
SRC
SERIAL
I/F
KEY:
MONO
STEREO
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
FRONT
STEREO
DAC
SRC
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
Σ
Σ
CD (18,20)
LINEIN (23,24)
VIDEO (16,17)
AUX (14,15)
PHONE (13)
PCBEEP (12)
MIC[1] (21)
MIC[2] (22)
0dB/
20dB
MASTER/
SLAVE
SELECT
GENERAL IO
SUPPORT
OSC
3D
VOL
STEREO
ADC
SRC
MUX
RECORD
MUX
AND
MUTE
SERIAL
I/F
WM9704M


Similar Part No. - WM9704CFT/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9704CFT/V WOLFSON-WM9704CFT/V Datasheet
271Kb / 35P
4-Channel Surround Sound Codec
More results

Similar Description - WM9704CFT/V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
AC97 digital modem codec
Rev. 01 - 4 February 2000
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
Audio CODEC
2000 Mar 29
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Integrated Circuit Syst...
ICS9120-46 ICST-ICS9120-46 Datasheet
122Kb / 5P
Modem and Audio Clock Generator
Rev B 052497
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
Modem and Audio Clock Generator
Rev B 071696
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
Audio Codec
8/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com