Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Production Data
WM9704M
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
17
AC-LINK DIGITAL SERIAL INTERFACE PROTOCOL
The WM9704M incorporates a 5-pin digital serial interface that links it to the AC’97 controller. AC-link
is a bi-directional, fixed rate, serial PCM digital stream. It handles multiple input and output audio
streams, as well as control register accesses employing a time division multiplexed (TDM) scheme.
The AC-link architecture divides each audio frame into 12 outgoing and 12 incoming data streams,
each with 20-bit sample resolution. With a minimum required DAC and ADC resolution of 16-bits,
AC’97 may also be implemented with 18 or 20-bit DAC/ADC resolution, given the headroom that the
AC-link architecture provides. The WM9704M provides support for 18-bit operation.
SLOT
NUMBER
SYNC
SDATA_OUT
SDATA_IN
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
LINE 1
DAC
PCM
LFE
LINE 2
DAC
HSET
DAC
TAG
STATUS
ADDR
STATUS
DATA
PCM
LEFT
PCM
RIGHT
LINE 1
ADC
MIC
ADC
RSRVD
RSRVD
RSRVD
LINE 2
ADC
HSET
ADC
IO
STATUS
0123
4567
89
10
11
12
PCM
CENTRE
PCM
L SURR
PCM
R SURR
IO
CTRL
PCM C
(n+1)
PCM R
(n+1)
PCM L
(n+1)
CODEC ID
SLOTREQ 3-12
Figure 8 AC’97 Standard Bi-directional Audio Frame
SYNC
BIT_CLK
SDATA_OUT
VALID
FRAME
SLOT(1)
SLOT(2)
SLOT(12)
’0’
(ID1)
(ID0)
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8
µS (48kHz)
12.288MHz
81.4nS
END OF PREVIOUS
AUDIO FRAME
TIME SLOT ’VALID’ BITS
(’1’ = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 9 AC-link Audio Output Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com