Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
14
VARIABLE SAMPLE RATE SUPPORT
The DACs and ADCs on this device support all the recommended sample rates specified in the Intel
Rev 2.1 specification for both audio and modem rates. Default rates are 48ks/s. If alternative rates
are selected, the AC’97 interface continues to run at 48k words per second, but data is transferred
across the link in bursts such that the net sample rate selected is achieved. It is up to the AC’97
Rev 2.1 compliant controller to ensure that data is supplied to the AC link, and received from the AC
link, at the appropriate rate.
The device supports ‘on demand’ sampling. That is, when the DAC signal processing circuits need
another sample, a sample request is sent to the controller which must respond with a data sample in
the next frame it sends. For example, if a rate of 24ks/s is selected, on average the device will
request a sample from the controller every other frame, for each of the stereo DACs. Note that if an
unsupported rate is written to one of the rate registers, the rate will default to the nearest rate
supported. The register will then respond when interrogated with the supported rate the device has
defaulted to.
ADCs are controlled similarly but with one difference: Normally the left and right channel ADCs
sample at the same rate.
AUDIO
SAMPLE RATE
CONTROL VALUE
D15 TO D0
MODEM
SAMPLE RATE
CONTROL VALUE
D15 TO D0
7200
1C20
8228.57 (57600/7)
2024
8000
1F40
8400
20D0
11025
2B11
9000
2328
16000
3E80
9600
2580
22050
5622
10285.71 (72000/7)
282D
44100
AC44
12000
2EE0
48000
BB80
13714.28 (96000/7)
3592
19200
4B00
24000
5DC0
Table 2 Variable Sample Rates Supported
The following table shows which registers control which DAC rates, versus Mode and ID selected
MODE
ID
FRONT DAC RATE REGISTER
REAR DAC RATE REGISTER
ADC RATE
REG
00 and 01
2Ch
10
2Eh
Rev 2.1 mode (00)
11
2Ch (centre) and 30h (LFE)
32h
00 and 01
2Ch
10
2Eh
Modem mode (11)
11
2Ch (centre) and 30h (LFE)
40h
32h (40h if
PHONE
IP selected)
Table 3 Variable Rate Register Location Versus Mode and ID
GAIN CONTROL REGISTER LOCATION VERSUS MODE AND ID
Depending on what mode and ID the device is operated in, the various gain control registers have
locations in the register map that may change.
In Modem mode, the rear volume is mapped always to location 46h, and the rear mixer is fixed
muted so analogue sources cannot be summed into the Tx modem signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com