Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
30
REGISTER 2CH TO 32H – AUDIO SAMPLE RATE CONTROL REGISTERS
These registers are read/write registers that are written to, to select alternative sample rates for the
audio PCM converters. Default is the 48ks/s rate. Note that only Rev 2.1 recommended rates are
supported by the WM9704M, selection of any other unsupported rates will cause the rate to default to
the nearest supported rate, and the supported rate value to be latched and so read back.
Register 2Ch is the front DAC rate register, but is also used for centre channel data rate.
MODEM REGISTERS (INDEX 3CH TO 56H)
The contents of these registers control modem function.
REGISTER 3CH – EXTENDED MODEM ID
The extended modem ID is a read/write register that primarily identifies the enhanced codecs modem
AFE capabilities. The default value will depend on features and hardware configuration. Writing any
value to this register performs a warm modem AFE reset (register range 3C-56h), including GPIO
(register range 4C-54h). The warm reset causes all affected registers to revert to their default values.
Note: for AMC ’97 parts the audio and modem AFE should be logically independent (writes to
register 0h resets audio only).
•
LIN1 = 1 indicates 1st line is supported – set when WM9704M is in Modem mode 1 = 1
•
LIN2 = 1 indicates 2nd line is supported – supported on WM9704M when DLM is set
•
HSET = 1 indicates handset DAC/ADC is supported – not supported on WM9704M
•
CID1 = 1 indicates that caller ID decode for line 1 is supported – not supported on WM9704M
•
CID2 = 1 indicates that caller ID decode for line 2 is supported – not supported on WM9704M
•
ID1, ID0 is a 2-bit field which indicates the Codec configuration: Primary is 00; Secondary is
01, 10, or 11
REGISTER 3EH – EXTENDED MODEM STATUS/CONTROL
The Extended Modem Status and Control register functions similarly to the original AC’97 Power-
down Control/Status register, located at index 26h. The (A)MC ’97 Codec must restrict modem and
handset power-down control/status to this register since all of the functions are provided here.
Therefore, the (A)MC’97 Codec (and AC’97 Digital Controller, of course) must ignore bits MDM and
PR7 in register 26h and use what is included here. When the GPIO section is powered down, all
outputs must be tri-stated and input slot 12 should be marked invalid when the AC-link is active.
When slot 12 is invalid, register 54h (GPIO Pin Status Register) will report 0s. In addition the Codec
should force SDATA_IN slot 12 to all 0s. Bits 7 to 0 are read only, 1 indicates modem AFE
subsystem readiness:
•
GPIO = 1 indicates GPIO ready
•
MREF = 1 indicates Modem VREFs up to nominal level
•
ADC1 = 1 indicates Modem Line1 ADC ready
•
DAC1 = 1 indicates Modem Line1 DAC ready
•
ADC2 = 1 indicates Modem Line2 ADC ready – supported on WM9704M when in DLM is set
•
DAC2 = 1 indicates Modem Line2 DAC ready –supported on WM9704M when DLM is set
•
HADC = 1 indicates Handset ADC ready – not supported on WM9704M
•
HDAC = 1 indicates Handset DAC ready – not supported on WM9704M
Bits 15 to 8 are read/write and control modem AFE subsystem power-down. WM9704M
powerup/down functions are entirely controlled from register 26h. However, the following registers
are aliased onto the appropriate control bits in registers 26h.
•
PRA = 1 indicates GPIO power-down
•
PRB = 1 indicates Modem VREF off - no separate modem VREF on WM9704M, aliases
from PR3
•
PRC = 1 indicates Modem Line 1 ADC off – aliases from PR0
•
PRD = 1 indicates Modem Line 1 DAC off - aliases from PR1
•
PRE = 1 indicates Modem Line 2 ADC off – not supported on WM9704M
•
PRF = 1 indicates Modem Line 2 DAC off – not supported on WM9704M
•
PRG = 1 indicates Handset ADC off – not supported on WM9704M
•
PRH = 1 indicates Handset DAC off – not supported on WM9704M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com