Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704CFT/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM9704CFT/V
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
WM9704M
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
32
The default value after cold or register reset for this register (0000h) defaults to all 0s specifying no
wake-up event. Non-implemented GPIO pins always return 0s.
REGISTER 54H – GPIO PIN STATUS
The GPIO status is a read/write register that reflects the state of all GPIO pins (inputs and outputs)
on slot 12. The value of all GPIO pin inputs and outputs comes in from the codec every frame on slot
12, but is also available for reading as GPIO Pin Status via the standard slot 1 and 2 command
address/data protocols. GPIO inputs configured as Sticky are cleared by writing a 0 to the
corresponding bit of this register 54h.
Bits corresponding to unimplemented GPIO pins should be forced to zero in this register and input
slot 12. GPIO bits that have been programmed as Inputs and Sticky, upon transition either (high-to
low) or (low-to-high) depending on pin polarity, will cause the individual GPIO bit to go asserted 1,
and remain asserted until a write of 0 to that bit. The normal way to set the desired value of a GPIO
output pin is to set the control bit in output slot 12.
The default value, if configured as an input, after cold or register reset for this register is always the
state of the GPIO pin.
REGISTER 56H – MISCELLANEOUS MODEM AFE STATUS/CONTROL
This read/write register defines the loopback modes available for the modem line and handset
ADCs/DACs described in the Intel Specification. Line1 ADC loopback mode 001 L1B0 is supported.
VENDOR RESERVED REGISTERS (INDEX 5AH AND 7AH)
These registers are vendor specific. Do not write to these registers unless the Vendor ID register has
been checked first to ensure that the driver knows the source of the AC‘97 component. Values stored
in this register are used to provide vendor specific modes for the manufacturer.
BIT
NAME
DEFAULT
ACTION WHEN SET TO 1
Test only bits – not normal use
AEV
ADC evaluation
0
ADC evaluation mode select bit – do not use
BB
BIASBOOST
0
Increases analogue bias currents by 50%
TRM
TSTRECMUX
0
Enables record mux test mode; RECMUX outputs
summed into the front and rear DAC output path.
HIC
HALFICONV
0
Halves to bias current to the converters
HIM
MALFIMIX
0
Halves bias current to the mixer block
DDS
Dither disable
0
Disables ADC and DAC digital dither – do not use
RTS
RAM test mode
0
Digital test mode – do not use
DFT
DAC FIT test
0
Digital test mode – do not use
AFT
ADC FIR test
0
Digital test mode – do not use
DTS
DAC test
0
Digital test mode – do not use
ATS
ADC test
0
Digital test mode – do not use
User bits
AND
ADC no DAC
0
Select stereo mix into ADC as having no DAC
signal
R2S
Rev 2.1 switch
0
Closes Rev 2.1 switch when set (see fig 1)
I
2S
I
2S enable
0
Enables I
2S data and clock onto GPIO pins
43,44,48
DLM
Dual line modem
0
Selects support for Line2 DAC and ADC slots
ADS
Automute disable
0
Disables automute function on the front and rear
DACs
Table 20 Vendor Register 5Ah Bit Allocation and Default States
Vendor specific Gain control registers – (Index 70h to 74h). The function is as per the other mixer
PGAs. However, the default value of the register changes depending upon the MODE the device is
operating in, as shown in Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com