Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 100Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 101Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 102Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 103Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 104Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 105Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 106Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 107Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 240 page
background image
EM351 / EM357
active. This is useful for receiving messages that contain an initial byte count, since it allows software to set
the buffer end address at the last byte of the message.
As the DMA channel transfers data between the transmit or receive FIFO and a memory buffer, the DMA count
register contains the byte offset from the start of the buffer to the address of the next byte that will be
written or read. A transmit DMA channel has a single DMA count register (SCx_TXCNT) that applies to
whichever transmit buffer is active, but a receive DMA channel has two DMA count registers (SCx_RXCNTA/B),
one for each receive buffer. The DMA count register contents are preserved until the corresponding buffer, or
either buffer in the case of the transmit DMA count, is loaded, or until the DMA is reset.
The receive DMA count register may be written while the corresponding buffer is loaded. If the buffer is not
loaded, writing the DMA count register also loads the buffer while preserving the count value written. This
feature can simplify handling UART receive errors.
The DMA channel stops using a buffer and unloads it when the following is true:
(DMA buffer start address + DMA buffer count) > DMA buffer end address
Typically a transmit buffer is unloaded after all its data has been sent, and a receive buffer is unloaded after
it is filled with data, but writing to the buffer end address or buffer count registers can also cause a buffer to
unload early.
Serial controller DMA channels include additional features specific to the SPI and UART operation and are
described in those sections.
8-33
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com