Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 33Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 34Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 35Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 36Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 37Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 38Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 39Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 40Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 240 page
background image
EM351 / EM357
6.1
Power domains
The EM35x contains three power domains:
An “always-on domain” containing all logic and analog cells required to manage the EM35x’s power modes,
including the GPIO controller and sleep timer. This domain must remain powered.
A “core domain” containing the CPU, Nested Vectored Interrupt Controller (NVIC), and peripherals. To
save power, this domain can be powered down using a mode called deep sleep.
A “memory domain” containing the RAM and flash memories. This domain is managed by the power
management controller. When in deep sleep, the RAM portion of this domain is powered from the always-
on domain supply to retain the RAM contents while the regulators are disabled. During deep sleep the flash
portion is completely powered down.
6.1.1
Internally regulated power
The preferred and recommended power configuration is to use the internal regulated power supplies to
provide power to the core and memory domains. The internal regulators (VREG_1V25 and VREG_1V8) generate
nominal 1.25 V and 1.8 V supplies. The 1.25 V supply is internally routed to the core domain and to an
external pin. The 1.8 V supply is routed to an external pin where it can be externally routed back into the chip
to supply the memory domain. The internal regulators are described in Chapter 16, Integrated Voltage
Regulator.
When using the internal regulators, the always-on domain must be powered between 2.1 V and 3.6 V at all
four VDD_PADS pins.
When using the internal regulators, the VREG_1V8 regulator output pin (VREG_OUT) must be connected to the
VDD_MEM, VDD_PADSA, VDD_VCO, VDD_RF, VDD_IF, VDD_PRE, and VDD_SYNTH pins.
When using the internal regulators, the VREG_1V25 regulator output and supply requires a connection
between both VDD_CORE pins.
6.1.2
Externally regulated power
Optionally, the on-chip regulators may be left unused, and the core and memory domains may instead be
powered from external supplies. For simplicity, the voltage for the core domain can be raised to nominal
1.8 V, requiring only one external regulator, or the core domain can be powered from the on-chip regulators
while the other domains are powered externally. Note that if the core domain is powered at a higher voltage
(1.8 V instead of 1.25 V) then power consumption increases. A regulator enable signal, REG_EN, is provided for
control of external regulators. This is an open-drain signal that requires an external pull-up resistor. If REG_EN
is not required to control external regulators it can be disabled (see section 7.3, Forced Functions in Chapter
7, GPIO).
Using an external regulator requires the always-on domain to be powered between 1.8 V and 3.6 V at all four
VDD_PADS pins.
When using an external regulator, the VREG_1V8 regulator output pin (VREG_OUT) must be left unconnected.
When using an external regulator, this external nominal 1.8 V supply has to be connected to both VDD_CORE
pins and to the VDD_MEM, VDD_PADSA, VDD_VCO, VDD_RF, VDD_IF, VDD_PRE and VDD_SYNTH pins.
6.2
Resets
The EM35x resets are generated from a number of sources. Each of these reset sources feeds into central reset
detection logic that causes various parts of the system to be reset depending on the state of the system and
the nature of the reset event.
6-2
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com