Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 48Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 49Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 50Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 51Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 52Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 53Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 54Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 55Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 240 page
background image
EM351 / EM357
Table 7-2. Timer 2 Output Configuration Controls
GPIO Mapping Selected by TIM2_OR Bit
Timer 2 Output
Option Register Bit
0
1
TIM2C1
TIM2_OR[4]
PA0
PB1
TIM2C2
TIM2_OR[5]
PA3
PB2
TIM2C3
TIM2_OR[6]
PA1
PB3
TIM2C4
TIM2_OR[7]
PA2
PB4
For outputs assigned to the serial controllers, the serial interface mode registers (SCx_MODE) determine how
the GPIO pins are used.
The alternate outputs of PA4 and PA5 can either provide packet trace data (PTI_EN and PTI_DATA), or
synchronous CPU trace data (TRACEDATA2 and TRACEDATA3). The selection of packet trace or CPU trace is
made through the Ember software.
If a GPIO does not have an associated peripheral in alternate output mode, its output is set to 0.
7.3
Forced Functions
For some GPIOs the GPIO_PxCFGH/L configuration will be overridden. These functions are forced when the
EM35x is reset and remain forced until software overrides the forced functions. Table 7-3 shows the GPIOs
that have different functions forced on them regardless of the GPIO_PxCFGH/L registers.
Table 7-3. GPIO Forced Functions
GPIO Forced Mode
Forced Signal
PA7
Open-drain output
REG_EN
PC0
Input with pull up
JRST
PC2
Push-pull output
JTDO
PC3
Input with pull up
JDTI
PC41
Input with pull up
JTMS
PC41
Bidirectional (push-pull output or floating input) controlled by debugger interface SWDIO
1 The choice of PC4’s forced signal is controlled by an external debug tool. JTMS is forced when the SWJ is in JTAG mode
and SWDIO is forced when the SWJ is in Serial Wire mode.
PA7 is forced to be the regulator enable signal, REG_EN. If an external regulator is used and controlled
through REG_EN, PA7’s forced functionality must not be overridden. If an external regulator is not used,
REG_EN may be disabled and PA7 may be reclaimed as a normal GPIO. Disabling REG_EN is done by clearing
the bit GPIO_EXTREGEN in the GPIO_DBGCFG register.
PC0, PC2, PC3, and PC4 are forced to be the Serial Wire and JTAG (SWJ) Interface. When the EM35x resets,
these four GPIOs are forced to operate in JTAG mode. Switching the debug interface between JTAG mode and
Serial Wire mode can only be accomplished by the external debug tool and cannot be affected by software
executing on the EM35x. Due to the fact that Serial Wire mode can only be invoked by an external debug tool
7-3
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com