Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 12Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 13Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 14Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 15Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 16Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 17Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 18Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 19Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 240 page
background image
EM351 / EM357
2-3
120-035X-000D
Preliminary
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Simulated deep sleep (debug mode) current
With no debugger activity
300
μA
Reset Current
Quiescent current, nRESET asserted
Typ at 25°C/3 V
Max at 85°C/3.6 V
1.2
2.0
mA
Processor and Peripheral Currents
ARM® CortexTM-M3, RAM, and flash memory
25°C, 1.8 V memory and 1.25 V core
ARM® CortexTM-M3 running at 12 MHz from
crystal oscillator
Radio and all peripherals off
6.0
mA
ARM® CortexTM-M3, RAM, and flash memory
25°C, 1.8 V memory and 1.25 V core
ARM® CortexTM-M3 running at 24 MHz from
crystal oscillator
Radio and all peripherals off
7.5
mA
ARM® CortexTM-M3, RAM, and flash memory
sleep current
25°C, 1.8 V memory and 1.25 V core
ARM® CortexTM-M3 running at 12 MHz from
the crystal oscillator
Radio and all peripherals off
3.0
mA
ARM® CortexTM-M3, RAM, and flash memory
sleep current
25°C, 1.8 V memory and 1.25 V core
ARM® CortexTM-M3 running at 6 MHz from the
high frequency RC oscillator
Radio and all peripherals off
2.0
mA
Serial controller current
For each controller at maximum data rate
0.2
mA
General purpose timer current
For each timer at maximum clock rate
0.25
mA
General purpose ADC current
At maximum sample rate, DMA enabled
1.1
mA
Rx Current
Radio receiver, MAC, and baseband
ARM® CortexTM-M3 sleeping, CPU clock set to
12 MHz
22.0
mA
25°C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 12 MHz
25.0
mA
Total Rx current ( = IRadio receiver, MAC and baseband,
CPU + IRAM, and Flash memory )
25°C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 24 MHz
26.5
mA
25°C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 12 MHz
27.0
mA
Boost mode total Rx current ( = IRadio receiver, MAC
and baseband, CPU+ IRAM, and Flash memory )
25°C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 24 MHz
28.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com