Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 74Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 75Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 76Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 77Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 78Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 79Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 80Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 81Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 240 page
background image
EM351 / EM357
8-7
120-035X-000D
Preliminary
The GPIO pins used for these signals are shown in Table 8-3. Additional outputs may be needed to drive the
nSSEL signals on slave devices.
Table 8-3. SPI Master GPIO Usage
MOSI
MISO
SCLK
Direction
Output
Input
Output
GPIO Configuration
Alternate Output
(push-pull)
Input
Alternate Output
(push-pull)
SC1 pin
PB1
PB2
PB3
SC2 pin
PA0
PA1
PA2
8.3.2
Set Up and Configuration
Both serial controllers, SC1 and SC2, support SPI master mode. SPI master mode is enabled by the following
register settings:
The serial controller mode register (SCx_MODE) is 2.
The SC_SPIMST bit in the SPI configuration register (SCx_SPICFG) is 1.
The SPI serial clock (SCLK) is produced by a programmable clock generator. The serial clock is produced by
dividing down 12 MHz according to this equation:
EXP
LIN
rate
2
*
)
1
(
+
=
MHz
12
EXP is the value written to the SCx_RATEEXP register and LIN is the value written to the SCx_RATELIN register.
The SPI master mode clock may not exceed 12 Mbps, so EXP and LIN cannot both be zero.
The SPI master controller supports various frame formats depending upon the clock polarity (SC_SPIPOL),
clock phase (SC_SPIPHA), and direction of data (SC_SPIORD) (see Table 8-4). The bits SC_SPIPOL, SC_SPIPHA,
and SC_SPIORD are defined within the SCx_SPICFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com