Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EM351-RTR Datasheet HTML 1Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 2Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 3Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 4Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 5Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 6Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 8Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 240 page
background image
EM351 / EM357
8.3.3 Operation
8-8
10 ADC (Analog to Digital Converter) 10-1
8.3.4 Interrupts
8-9
10.1 Setup and Configuration
10-1
8.3.5 Registers
8-10
10.1.1 GPIO Usage
10-2
8.4 SPI - Slave Mode
8-14
10.1.2 Voltage Reference
10-2
8.4.1 GPIO Usage
8-14
10.1.3 Offset/Gain Correction
10-2
8.4.2 Set Up and Configuration
8-15
10.1.4 DMA
10-3
8.4.3 Operation
8-16
10.1.5 ADC Configuration
Register
10-3
8.4.4 DMA
8-17
8.4.5 Interrupts
8-17
10.2 Interrupts
10-5
8.4.6 Registers
8-18
10.3 Operation
10-6
8.5 TWI - Two Wire serial Interfaces 8-18
10.4 Calibration
10-7
8.5.1 GPIO Usage
8-18
10.5 ADC Key Parameters
10-8
8.5.2 Set Up and Configuration
8-18
10.6 Registers
10-13
8.5.3 Constructing Frames
8-19
8.5.4 Interrupts
8-21
11 Interrupt System
11-1
8.5.5 Registers
8-22
11.1 Nested Vectored Interrupt
Controller (NVIC)
11-1
8.6 UART - Universal Asynchronous
Receiver / Transmitter
8-24
11.2 Event Manager
11-3
8.6.1 GPIO Usage
8-24
11.3 Non-maskable Interrupt (NMI)
11-6
8.6.2 Set Up and Configuration
8-25
11.4 Faults
11-6
8.6.3 FIFOs
8-26
8.6.4 RTS/CTS Flow control
8-27
11.5 Registers
11-7
8.6.5 DMA
8-27
12 Trace Port Interface Unit (TPIU) 12-1
8.6.6 Interrupts
8-28
13 Instrumentation Trace Macrocell
(ITM)
13-1
8.6.7 Registers
8-29
8.7 DMA Channels
8-32
8.7.1 Registers
8-34
14 Data Watchpoint and Trace
(DWT)
14-1
9
General Purpose Timers (TIM1 and
TIM2)
9-1
15 Flash Patch and Breakpoint
(FPB)
15-1
9.1 Introduction
9-1
9.2 GPIO Usage
9-3
16 Integrated Voltage Regulator
16-1
9.3 Timer Functional Description
9-3
17 Serial Wire and JTAG (SWJ)
Interface
17-1
9.3.1 Time-Base Unit
9-3
9.3.2 Counter Modes
9-4
18 Typical Application
18-1
9.3.3 Clock Selection
9-9
9.3.4 Capture/Compare Channels 9-12
19 Mechanical Details
19-1
9.3.5 Input Capture Mode
9-13
19.1 QFN48 Footprint
Recommendations
19-1
9.3.6 PWM Input Mode
9-14
9.3.7 Forced Output Mode
9-15
19.2 Solder Temperature Profile
19-3
9.3.8 Output Compare Mode
9-15
20 Part Marking
20-1
9.3.9 PWM Mode
9-16
9.3.10 One-Pulse Mode
9-19
21 Ordering Information
21-1
9.3.11 Encoder Interface Mode
9-20
22 Shipping Box Label
22-1
9.3.12 Timer Input XOR Function 9-22
9.3.13 Timers and External
Trigger Synchronization
9-22
Appendix A Register Address Table
A-1
9.3.14 Timer Synchronization
9-25
Appendix B Abbreviations and
Acronyms
B-1
9.3.15 Timer Signal Descriptions 9-29
9.4 Interrupts
9-30
Appendix C References
C-1
9.5 Registers
9-31
Preliminary
120-035X-000D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com