Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 96Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 97Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 98Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 99Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 100Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 101Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 102Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 103Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 240 page
background image
EM351 / EM357
8-29
120-035X-000D
Preliminary
8.6.7
Registers
Refer to Registers (in the SPI Master Mode section) for a description of the SCx_DATA register.
SC1_UARTSTAT
UART Status Register
Address: 0x4000C848 Reset: 0x40
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
SC_UARTTXIDLE
SC_UARTPARERR
SC_UARTFRMERR
SC_UARTRXOVF
SC_UARTTXFREE
SC_UARTRXVAL
SC_UARTCTS
Bitname
Bitfield
Access
Description
SC_UARTTXIDLE
[6]
R
This bit is set when both the transmit FIFO and the transmit serializer are empty.
SC_UARTPARERR
[5]
R
This bit is set when the byte in the data register was received with a parity error. This bit
is updated when the data register is read, and is cleared if the receive FIFO is empty.
SC_UARTFRMERR
[4]
R
This bit is set when the byte in the data register was received with a frame error. This bit
is updated when the data register is read, and is cleared if the receive FIFO is empty.
SC_UARTRXOVF
[3]
R
This bit is set when the receive FIFO has been overrun. This occurs if a byte is received
when the receive FIFO is full. This bit is cleared by reading the data register.
SC_UARTTXFREE
[2]
R
This bit is set when the transmit FIFO has space for at least one byte.
SC_UARTRXVAL
[1]
R
This bit is set when the receive FIFO contains at least one byte.
SC_UARTCTS
[0]
R
This bit shows the logical state (not voltage level) of the nCTS input:
0: nCTS is deasserted (pin is high, 'XOFF', RS232 negative voltage); the UART is inhibited
from starting to transmit a byte.
1: nCTS is asserted (pin is low, 'XON', RS232 positive voltage); the UART may transmit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com