Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM351-RTR Datasheet HTML 1Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 2Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 3Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 4Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 5Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 6Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 8Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 240 page
background image
ADC
RF_P,N
Program
Flash
128/192 kB
Data
RAM
12 kB
HF crystal
OSC
LF crystal
OSC
General
Purpose
ADC
Serial
Wire and
JTAG
debug
Internal LF
RC-OSC
GPIO multiplexor switch
Chip
manager
1.8V
Regulator
Bias
2
nd level
Interrupt
controller
RF_TX_ALT_P,N
OSCA
OSCB
PA[7:0], PB[7:0], PC[7:0]
Encryption
acclerator
IF
Always
Powered
Domain
ARM
® CortexTM-M3
CPU with NVIC
and MPU
VREG_OUT
Watchdog
PA select
LNA
PA
PA
DAC
MAC
+
Baseband
Sleep
timer
POR
nRESET
General
purpose
timers
GPIO
registers
UART/
SPI/TWI
SYNTH
Internal HF
RC-OSC
TX_ACTIVE
SWCLK,
JTCK
Calibration
ADC
Packet Trace
CPU debug
TPIU/ITM/
FPB/DWT
1.25V
Regulator
VDD_CORE
EM351 / EM357
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
Complete System-on-Chip
32-bit ARM® Cortex™-M3 processor
2.4 GHz IEEE 802.15.4-2003 transceiver & lower
MAC
128 or 192 kB flash, with optional read
protection
12 kB RAM memory
AES128 encryption accelerator
Flexible ADC, UART/SPI/TWI serial
communications, and general purpose timers
24 highly configurable GPIOs with Schmitt
trigger inputs
Industry-leading ARM
® Cortex
-M3 processor
Leading 32-bit processing performance
Highly efficient Thumb-2 instruction set
Operation at 6, 12, or 24 MHz
Flexible Nested Vectored Interrupt Controller
Low power consumption, advanced management
Rx Current (w/ CPU): 26 mA
Tx Current (w/ CPU, +3 dBm TX): 31 mA
Low deep sleep current, with retained RAM and
GPIO: 400 nA without/800 nA with sleep timer
Low-frequency internal RC oscillator for low-
power sleep timing
High-frequency internal RC oscillator for fast
(110 µsec) processor start-up from sleep
Exceptional RF Performance
Normal mode link budget up to 103 dB;
configurable up to 110 dB
-100 dBm normal RX sensitivity;
configurable to -102 dBm
(1% PER, 20 byte packet)
+3 dB normal mode output power;
configurable up to +8 dBm
Robust Wi-Fi and Bluetooth coexistence
Innovative network and processor debug
Ember InSight port for non-intrusive
packet trace with Ember InSight tools
Serial Wire/JTAG interface
Standard ARM debug capabilities: Flash
Patch & Breakpoint; Data Watchpoint &
Trace; Instrumentation Trace Macrocell
Application Flexibility
Single voltage operation: 2.1-3.6 V
with internal 1.8 V and 1.25 V regulators
Optional 32.768 kHz crystal for higher
timer accuracy
Low external component count with
single 24 MHz crystal
Support for external power amplifier
Small 7x7 mm 48-pin QFN package
Ember Corporation
47 Farnsworth Street
Boston MA 02210 USA
+1 617.951.0200
www.ember.com
120-035X-000D
Preliminary
November 20, 2009


Similar Part No. - EM351-RTR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EM351-RTR SILABS-EM351-RTR Datasheet
10Mb / 241P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
More results

Similar Description - EM351-RTR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
High-performance, IEEE 802.15.4 wireless system-on-chip
21-Sep-2009
logo
Silicon Laboratories
EM351 SILABS-EM351_12 Datasheet
4Mb / 244P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
List of Unclassifed Man...
STM32W108CBU64TR ETC2-STM32W108CBU64TR Datasheet
302Kb / 20P
High-performance, 802.15.4 wireless system-on-chip
logo
Silicon Laboratories
EM341 SILABS-EM341 Datasheet
3Mb / 237P
High-Performance, Integrated RF4CE System-on-Chip
EM3581 SILABS-EM3581 Datasheet
901Kb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
RD-0002-0201 SILABS-RD-0002-0201 Datasheet
8Mb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM358X SILABS-EM358X Datasheet
8Mb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM359X SILABS-EM359X Datasheet
8Mb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com