Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 15Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 16Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 17Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 18Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 19Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 20Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 21Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 22Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 240 page
background image
EM351 / EM357
2-6
120-035X-000D
Preliminary
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input pull-up resistor value
RIPU
24
29
34
Input pull-down resistor value
RIPD
24
29
34
Output voltage for logic 0
VOL
(IOL = 4 mA for standard pads, 8 mA for
high current pads)
0
0.18 x
VDD_PADS
V
Output voltage for logic 1
VOH
(IOH = 4 mA for standard pads, 8 mA for
high current pads)
0.82 x
VDD_PADS
VDD_PADS
V
Output source current (standard current
pad)
IOHS
4
mA
Output sink current (standard current pad)
IOLS
4
mA
Output source current
high current pad: PA6, PA7, PB6, PB7, PC0
IOHH
8
mA
Output sink current
high current pad: PA6, PA7, PB6, PB7, PC0
IOLH
8
mA
Total output current (for I/O Pads)
IOH + IOL
40
mA
2.6
Non-RF System Electrical Characteristics
Table 2-6 lists the non-RF system level characteristics for the EM35x.
Table 2-6. Non-RF System Specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
System wake time from deep sleep
From wakeup event to first ARM® CortexTM-
M3 instruction running from 6 MHz internal
RC clock
Includes supply ramp time and oscillator
startup time
110
µs
Shutdown time going into deep sleep
From last ARM® CortexTM-M3 instruction to
deep sleep mode
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com