Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 21Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 22Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 23Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 24Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 25Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 26Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 27Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 28Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 240 page
background image
EM351 / EM357
3-2
120-035X-000D
Preliminary
The EM35x integrates an ARM® CortexTM-M3 microprocessor, revision r1p1. This industry-leading core provides
32 bit performance and is very power efficient. It has excellent code density using the ARM® Thumb-2
instruction set. The processor can be operated at 12 MHz or 24 MHz when using the high-frequency crystal
oscillator, or at 6 MHz or 12 MHz when using the high-frequency internal RC oscillator.
The EM351 has 128 kB of flash memory and the EM357 has 192 kB of flash memory. Both chips have 12 kB of
RAM on-chip, and the ARM configurable memory protection unit (MPU).
The EM35x implements both the ARM Serial Wire and JTAG debug interfaces. These interfaces provide real
time, non-intrusive programming and debugging capabilities. Serial Wire and JTAG provide the same
functionality, but are mutually exclusive. The Serial Wire interface uses two pins; the JTAG interface uses
five. Serial Wire is preferred, since it uses fewer pins.
The EM35x contains 24 GPIO pins shared with other peripheral or alternate functions. Because of flexible
routing within the EM35x, external devices can use the alternate functions on a variety of different GPIOs. The
integrated serial controller SC1 can be configured for SPI (master or slave), TWI (master-only), or UART
operation, and the serial controller SC2 can be configured for SPI (master or slave) or TWI (master-only)
operation.
The EM35x has a general purpose ADC which can sample analog signals from six GPIO pins in single-ended or
differential modes. It can also sample the 1.8 V regulated supply VDD_PADSA, the voltage reference VREF, and
GND. The ADC has two selectable voltage ranges: 0 V to 1.2 V (normal) and 0.1 V to 0.1 V below the high
voltage supply (high). The ADC has a DMA mode to capture samples and automatically transfer them into RAM.
The integrated voltage reference for the ADC, VREF, can be made available to external circuitry. An external
voltage reference can also be driven into the ADC. The regulator input voltage, VDD_PADS, cannot be
measured using the general purpose ADC, but it can be measured through Ember software.
The EM35x contains four oscillators: a high-frequency 24 MHz external crystal oscillator, a high-frequency
12 MHz internal RC oscillator, an optional low-frequency 32.768 kHz external crystal oscillator, and a low-
frequency 10 kHz internal RC oscillator.
The EM35x has an ultra low power, deep sleep state with a choice of clocking modes. The sleep timer can be
clocked with either the external 32.768 kHz crystal oscillator or with a 1 kHz clock derived from the internal
10 kHz RC oscillator. Alternatively, all clocks can be disabled for the lowest power mode. In the lowest power
mode, only external events on GPIO pins will wake up the chip. The EM35x has a fast startup time (typically
110 µs) from deep sleep to the execution of the first ARM® CortexTM-M3 instruction.
The EM35x contains three power domains. The always-on high voltage supply powers the GPIO pads and
critical chip functions. Regulated low voltage supplies power the rest of the chip. The low voltage supplies are
disabled during deep sleep to reduce power consumption. Integrated voltage regulators generate regulated
1.25 V and 1.8 V voltages from an unregulated supply voltage. The 1.8 V regulator output is decoupled and
routed externally to supply analog blocks, RAM, and flash memories. The 1.25 V regulator output is decoupled
externally and supplies the core logic.
Note:
The EM35x is not pin-compatible with Ember’s previous generation chip, the EM250, except for the RF
section of the chip. Pins 1-11 and 45-48 are compatible, to ease migration to the EM35x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com