Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 16Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 17Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 18Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 19Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 20Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 21Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 22Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 23Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 240 page
background image
EM351 / EM357
2.7
RF Electrical Characteristics
2.7.1
Receive
Table 2-7 lists the key parameters of the integrated IEEE 802.15.4-2003 receiver on the EM35x.
Note:
Receive measurements were collected with Ember’s EM35x Ceramic Balun Reference Design (Version
A0) at 2440 MHz. The Typical number indicates one standard deviation above the mean, measured at room
temperature (25°C). The Min and Max numbers were measured over process corners at room temperature
Table 2-7. Receive Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
2500
MHz
Sensitivity (boost mode)
1% PER, 20 byte packet defined by IEEE
802.15.4-2003
-102
-96
dBm
Sensitivity
1% PER, 20 byte packet defined by IEEE
802.15.4-2003
-100
-94
dBm
High-side adjacent channel rejection
IEEE 802.15.4-2003 signal at -82 dBm
35
dB
Low-side adjacent channel rejection
IEEE 802.15.4-2003 signal at -82 dBm
35
dB
2nd high-side adjacent channel rejection
IEEE 802.15.4-2003 signal at -82 dBm
46
dB
2nd low-side adjacent channel rejection
IEEE 802.15.4-2003 signal at -82 dBm
46
dB
High-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 signal at -82 dBm
39
dB
Low-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 signal at -82 dBm
47
dB
2nd high-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 signal at -82 dBm
49
dB
2nd low-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 signal at -82 dBm
49
dB
High-side adjacent channel rejection
CW signal at -82 dBm
44
dB
Low-side adjacent channel rejection
CW signal at -82 dBm
47
dB
2nd high-side adjacent channel rejection
CW signal at -82 dBm
59
dB
2nd low-side adjacent channel rejection
CW signal at -82 dBm
59
dB
Channel rejection for all other channels
IEEE 802.15.4-2003 signal at -82 dBm
40
dB
802.11g rejection centered at +12 MHz or
-13 MHz
IEEE 802.15.4-2003 signal at -82 dBm
36
dB
Maximum input signal level for correct
operation
0
dBm
Co-channel rejection
IEEE 802.15.4-2003 signal at -82 dBm
-6
dBc
Relative frequency error
(2x40 ppm required by IEEE 802.15.4-2003)
-120
+120
ppm
Relative timing error
(2x40 ppm required by IEEE 802.15.4-2003)
-120
+120
ppm
2-7
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com