Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 31Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 32Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 33Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 34Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 35Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 36Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 37Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 38Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 240 page
background image
EM351 / EM357
5-8
120-035X-000D
Preliminary
identification of the peripheral is captured for later debugging. Note that only peripherals capable of writing
data to RAM, such as received packet data or a received serial port character, can generate this interrupt.
5.2.3
Registers
Appendix A, Register Address Table provides a short description of all application-accessible registers within
the EM35x. Complete descriptions are provided at the end of each applicable peripheral’s description. The
registers are mapped to the system address space starting at address 0x40000000. These registers allow for
the control and configuration of the various peripherals and modules. The CPU only performs word-aligned
accesses on the system bus. The CPU performs a word aligned read-modify-write for all byte, half-word, and
unaligned writes and a word-aligned read for all reads. Ember recommends accessing all peripheral registers
using word-aligned addressing.
As with the RAM, the peripheral registers fall within an address range that allows for bit-band access by the
ARM
® CortexTM-M3, but the standard MPU configuration does not allow access to this alias address range.
5.3
Memory Protection Unit
The EM35x includes the ARM
® CortexTM-M3 Memory Protection Unit, or MPU. The MPU controls access rights
and characteristics of up to eight address regions, each of which may be divided into eight equal sub-regions.
Refer to the ARM® CortexTM-M3 Technical Reference Manual (DDI 0337A) for a detailed description of the MPU.
Ember software configures the MPU in a standard configuration and application software should not modify it.
The configuration is designed for optimal detection of illegal instruction or data accesses. If an illegal access
is attempted, the MPU captures information about the access type, the address being accessed, and the
location of the offending software. This simplifies software debugging and increases the reliability of deployed
devices. As a consequence of this MPU configuration, accessing RAM and register bit-band address alias regions
is not permitted, and generates a bus fault if attempted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com