Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 35Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 36Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 37Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 38Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 39Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 40Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 41Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 42Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 240 page
background image
EM351 / EM357
6.2.1.3
Watchdog Reset
The EM35x contains a watchdog timer (see also the Watchdog Timer section) that is clocked by the internal
1 kHz timing reference. When the timer expires it generates the reset source WATCHDOG_RESET to the Reset
Generation module.
6.2.1.4
Software Reset
The ARM® CortexTM-M3 CPU can initiate a reset under software control. This is indicated with the reset source
SYSRESETREQ to the Reset Generation module.
6.2.1.5
Option Byte Error
The flash memory controller contains a state machine that reads configuration information from the
information blocks in the flash at system start time. An error check is performed on the option bytes that are
read from flash and, if the check fails, an error is signaled that provides the reset source OPT_BYTE_ERROR to
the Reset Generation module.
If an option byte error is detected, the system restarts and the read and check process is repeated. If the
error is detected again the process is repeated but stops on the 3rd failure. The system is then placed into an
emulated deep sleep where recovery is possible. In this state, flash memory readout protection is forced
active to prevent secure applications from being compromised.
6.2.1.6
Debug Reset
The Serial Wire/JTAG Interface (SWJ) provides access to the SWJ Debug Port (SWJ-DP) registers. By setting
the register bit CDBGRSTREQ in the SWJ-DP, the reset source CDBGRSTREQ is provided to the Reset
Generation module.
6.2.1.7
JRST
One of the EM35x’s pins can function as the JTAG reset, conforming to the requirements of the JTAG
standard. This input acts independently of all other reset sources and, when asserted, does not reset any on-
chip hardware except for the JTAG TAP. If the EM35x is in the Serial Wire mode or if the SWJ is disabled, this
input has no effect.
6.2.1.8
Deep Sleep Reset
The Power Management module informs the Reset Generation module of entry into and exit from the deep
sleep states. The deep sleep reset is applied in the following states: before entry into deep sleep, while
removing power from the memory and core domain, while in deep sleep, while waking from deep sleep, and
while reapplying power until reliable power levels have been detect by POR LV.
The Power Management module allows a special emulated deep sleep state that retains memory and core
domain power while in deep sleep.
6.2.2
Reset Recording
The EM35x records the last reset condition that generated a restart to the system. The reset conditions
recorded are:
POWER_HV
always-on domain power supply failure
POWER_LV
core or memory domain power supply failure
RSTB
nRESET pin asserted
W_DOG
watchdog timer expired
SW_RST
software reset by SYSERSETREQ from ARM
® CortexTM-M3 CPU
WAKE_UP_DSLEEP
wake-up from deep sleep
OPT_BYTE_FAIL
error check failed when reading option bytes from flash
6-4
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com