Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 78Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 79Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 80Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 81Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 82Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 83Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 84Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 85Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 240 page
background image
EM351 / EM357
SCx_SPICFG
SC1_SPICFG
SPI Configuration Register
Address: 0x4000C858 Reset: 0x0
SC2_SPICFG
SPI Configuration Register
Address: 0x4000C058 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
SC_SPIRXDRV
SC_SPIMST
SC_SPIRPT
SC_SPIORD
SC_SPIPHA
SC_SPIPOL
Bitname
Bitfield
Access
Description
SC_SPIRXDRV
[5]
RW
Receiver-driven mode selection bit (SPI master mode only). Clear this bit to initiate
transactions when transmit data is available. Set this bit to initiate transactions when the
receive buffer (FIFO or DMA) has space.
SC_SPIMST
[4]
RW
Set this bit to put the SPI in master mode, clear this bit to put the SPI in slave mode.
SC_SPIRPT
[3]
RW
This bit controls behavior on a transmit buffer underrun condition in slave mode. Clear
this bit to send the BUSY token (0xFF) and set this bit to repeat the last byte. Changes to
this bit take effect when the transmit FIFO is empty and the transmit serializer is idle.
SC_SPIORD
[2]
RW
This bit specifies the bit order in which SPI data is transmitted and received.
0: Most significant bit first.
1: Least significant bit first.
SC_SPIPHA
[1]
RW
Clock phase configuration: clear this bit to sample on the leading (first edge) and set this
bit to sample on the second edge.
SC_SPIPOL
[0]
RW
Clock polarity configuration: clear this bit for a rising leading edge and set this bit for a
falling leading edge.
8-11
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com