Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 36Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 37Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 38Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 39Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 40Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 41Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 42Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 43Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 240 page
background image
EM351 / EM357
Note:
While CPU Lockup is shown as a reset condition in software, CPU Lockup is not specifically a reset
event. CPU Lockup is set to indicate that the CPU entered an unrecoverable exception. Execution stops but a
reset is not applied. This is so that a debugger can interpret the cause of the error. Ember recommends that
in a live application (in other words, no debugger attached) the watchdog be enabled by default so that the
EM35x can be restarted.
6.2.3
Reset Generation
The Reset Generation module responds to reset sources and generates the following reset signals:
PORESET
Reset of the ARM
® CortexTM-M3 CPU and ARM® CortexTM-M3 System Debug components
(Flash Patch and Breakpoint, Data Watchpoint and Trace, Instrumentation Trace
Macrocell, Nested Vectored Interrupt Controller). ARM defines PORESET as the region
that is reset when power is applied.
SYSRESET
Reset of the ARM
® CortexTM-M3 CPU without resetting the Core Debug and System Debug
components, so that a live system can be reset without disturbing the debug
configuration.
DAPRESET
Reset to the SWJ’s AHB Access Port (AHB-AP)
PRESETHV
Peripheral reset for always-on power domain, for peripherals that are required to retain
their configuration across a deep sleep cycle
PRESETLV
Peripheral reset for core power domain, for peripherals that are not required to retain
their configuration across a deep sleep cycle
Table 6-5 shows which reset sources generate certain resets.
Table 6-5. Generated Resets
Reset Generation
Reset Source
PORESET
SYSRESET
DAPRESET
PRESETHV
PRESETLV
POR HV
X
X
X
X
X
POR LV (in deep sleep)
X
X
X
X
POR LV (not in deep sleep)
X
X
X
X
X
RSTB
X
X
X
X
Watchdog reset
X
X
X
Software reset
X
X
X
Option byte error
X
X
X
Normal deep sleep
X
X
X
X
Emulated deep sleep
X
X
Debug reset
X
6.3
Clocks
The EM35x integrates four oscillators:
12 MHz RC oscillator
24 MHz crystal oscillator
10 kHz RC oscillator
32.768 kHz crystal oscillator
6-5
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com