Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 126 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 126 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 122Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 123Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 124Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 125Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 126Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 127Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 128Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 129Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 130Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 240 page
background image
EM351 / EM357
Figure 9-5. Counter Timing Diagram, Update Event when TIM_ARBE = 0 (TIMx_ARR not buffered)
Figure 9-6. Counter Timing Diagram, Update Event when TIM_ARBE = 1 (TIMx_ARR buffered)
9.3.2.2
Down-Counting Mode
In down-counting mode, the counter counts from the auto-reload value (contents of the TIMx_ARR register)
down to 0, then restarts from the auto-reload value and generates a counter underflow event.
A UEV can be generated at each counter underflow, by setting the TIM_UG bit in the TIMx_EGR register, or by
using the slave mode controller. Software can disable the UEV by setting the TIM_UDIS bit in the TIMx_CR1
register, to avoid updating the shadow registers while writing new values in the buffer registers. No UEV
occurs until the TIM_UDIS bit is written to 0. However, the counter restarts from the current auto-reload
value, whereas the prescaler’s counter restarts from 0, but the prescale rate doesn’t change.
In addition, if the TIM_URS bit in the TIMx_CR1 register is set, setting the TIM_UG bit generates a UEV, but
without setting the INT_TIMUIF flag. Thus no interrupt request is sent. This avoids generating both update and
capture interrupts when clearing the counter on the capture event.
When a UEV occurs, the update flag (the INT_TIMUIF bit in the INT_TIMxFLAG register) is set (unless TIM_USR
is 1) and the following registers are updated:
9-6
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com