| Electronic Components Datasheet Search |
|
EM351-RTR Datasheet(PDF) 163 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR Datasheet(HTML) 163 Page - List of Unclassifed Manufacturers |
|
163 / 240 page ![]() EM351 / EM357 TIMx_CCER TIM1_CCER Timer 1 Capture/Compare Enable Register Address: 0x4000E020 Reset: 0x0 TIM2_CCER Timer 2 Capture/Compare Enable Register Address: 0x4000F020 Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 TIM_CC4P TIM_CC4E 0 0 TIM_CC3P TIM_CC3E 7 6 5 4 3 2 1 0 0 0 TIM_CC2P TIM_CC2E 0 0 TIM_CC1P TIM_CC1E Bitname Bitfield Access Description TIM_CC4P [13] RW Capture/Compare 4 output Polarity. If CC4 is configured as an output channel: 0: OC4 is active high. 1: OC4 is active low. If CC4 configured as an input channel: 0: IC4 is not inverted. Capture occurs on a rising edge of IC4. When used as an external trigger, IC4 is not inverted. 0: IC4 is inverted. Capture occurs on a falling edge of IC4. When used as an external trigger, IC4 is inverted. 1: Capture is enabled. TIM_CC4E [12] RW Capture/Compare 4 output Enable. If CC4 is configured as an output channel: 0: OC4 is disabled. 1: OC4 is enabled. If CC4 configured as an input channel: 0: Capture is disabled. 1: Capture is enabled. TIM_CC3P [9] RW Refer to the CC4P description above. TIM_CC3E [8] RW Refer to the CC4E description above. TIM_CC2P [5] RW Refer to the CC4P description above. TIM_CC2E [4] RW Refer to the CC43 description above. TIM_CC1P [1] RW Refer to the CC4P description above. TIM_CC1E [0] RW Refer to the CC4E description above. 9-43 120-035X-000D Preliminary |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |