Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 183 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 183 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 179Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 180Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 181Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 182Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 183Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 184Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 185Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 186Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 187Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 240 page
background image
EM351 / EM357
NVREF is a sampling of VREF. Due to the ADC's internal design, VREF does not yield the maximum positive
two’s complement 0x7FFF as the conversion result. Instead, VREF yields a two’s complement value close
to 0x2000 when the input buffer is not selected and yields a two’s complement value close to 0xF000 when
the input buffer is selected
NVREF/2 is a sampling of VREF/2. VREF/2 yields a two’s complement value close to 0x0000 when the input
buffer is not selected, and yields a two’s complement value close to 0xE800 when the input buffer is
selected.
Offset correction is affected by the gain correction value. Offset correction is calculated after gain
correction has been applied.
10.5
ADC Key Parameters
Table 10-6 describes the key ADC parameters measured at 25°C and VDD_PADS at 3.0 V, for a sampling clock
of 1 MHz. ADC_HVSELP and ADC_HVSELN are programmed to 0 to disable the input buffer. The single-ended
measurements were done at finput = 7.7% fNyquist; 0 dBFS level (where full-scale is a 1.2 V p-p swing). The
differential measurements were done at finput = 7.7% fNyquist; -6 dBFS level (where full-scale is a 2.4 V p-p
swing) and a common mode voltage of 0.6V.
Table 10-6. ADC Module Key Parameters for 1 MHz sampling
Parameter
Performance
ADC_PERIOD
0
1
2
3
4
5
6
7
Conversion Time (µs)
32
64
128
256
512
1024
2048
4096
Nyquist Freq (kHz)
15.6k
7.81k
3.91k
1.95k
977
488
244
122
3 dB Cut-off (kHz)
9.43k
4.71k
2.36k
1.18k
589
295
147
73.7
INL (codes peak)
0.083
0.092
0.163
0.306
0.624
1.229
2.451
4.926
INL (codes RMS)
0.047
0.051
0.093
0.176
0.362
0.719
1.435
2.848
DNL (codes peak)
0.028
0.035
0.038
0.044
0.074
0.113
0.184
0.333
DNL (codes RMS)
0.008
0.009
0.011
0.014
0.019
0.029
0.048
0.079
ENOB
(from single-cycle test)
5.6
7.0
8.6
10.1
11.5
12.6
13.0
13.2
10-8
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com