Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 200 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 200 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 196Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 197Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 198Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 199Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 200Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 201Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 202Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 203Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 204Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 240 page
background image
EM351 / EM357
11 Interrupt System
The EM35x’s interrupt system is composed of two parts: a standard ARM® CortexTM-M3 Nested Vectored
Interrupt Controller (NVIC) that provides top-level interrupts, and an Ember proprietary Event Manager (EM)
that provides second-level interrupts. The NVIC and EM provide a simple hierarchy. All second-level interrupts
from the EM feed into top-level interrupts in the NVIC. This two-level hierarchy allows for both fine granular
control of interrupt sources and coarse granular control over entire peripherals, while allowing peripherals to
have their own interrupt vector.
The Nested Vectored Interrupt Controller (NVIC) section provides a description of the NVIC and an overview of
the exception table (ARM nomenclature refers to interrupts as exceptions). The Event Manager section
provides a more detailed description of the Event Manager including a table of all top-level peripheral
interrupts and their second-level interrupt sources.
In practice, top-level peripheral interrupts are only used to enable or disable interrupts for an entire
peripheral. Second-level interrupts originate from hardware sources, and therefore are the main focus of
applications using interrupts.
11.1
Nested Vectored Interrupt Controller (NVIC)
The ARM® CortexTM-M3 Nested Vectored Interrupt Controller (NVIC) facilitates low-latency exception and
interrupt handling. The NVIC and the processor core interface are closely coupled, which enables low-latency
interrupt processing and efficient processing of late arriving interrupts. The NVIC also maintains knowledge of
the stacked (nested) interrupts to enable tail-chaining of interrupts.
The ARM® CortexTM-M3 NVIC contains 10 standard interrupts that are related to chip and CPU operation and
management. In addition to the 10 standard interrupts, it contains 17 individually vectored peripheral
interrupts specific to the EM35x.
The NVIC defines a list of exceptions. These exceptions include not only traditional peripheral interrupts, but
also more specialized events such as faults and CPU reset. In the ARM® CortexTM-M3 NVIC, a CPU reset event is
considered an exception of the highest priority, and the stack pointer is loaded from the first position in the
NVIC exception table. The NVIC exception table defines all exceptions and their position, including peripheral
interrupts. The position of each exception is important since it directly translates to the location of a 32-bit
interrupt vector for each interrupt, and defines the hardware priority of exceptions. Each exception in the
table is a 32-bit address that is loaded into the program counter when that exception occurs. Table 11-1 lists
the entire exception table. Exceptions 0 (stack pointer) through 15 (SysTick) are part of the standard ARM®
CortexTM-M3 NVIC, while exceptions 16 (Timer 1) through 32 (Debug) are the peripheral interrupts specific to
the EM35x peripherals. The peripheral interrupts are listed in greater detail in Table 11-2.
11-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com