Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 8 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 4Page - Linear Technology LT3071EUFD Datasheet HTML 5Page - Linear Technology LT3071EUFD Datasheet HTML 6Page - Linear Technology LT3071EUFD Datasheet HTML 7Page - Linear Technology LT3071EUFD Datasheet HTML 8Page - Linear Technology LT3071EUFD Datasheet HTML 9Page - Linear Technology LT3071EUFD Datasheet HTML 10Page - Linear Technology LT3071EUFD Datasheet HTML 11Page - Linear Technology LT3071EUFD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT3071

3071f
typicAl perFormAnce chArActeristics
Minimum BIAS Voltage
vs Temperature
BIAS Pin Ripple Rejection
IN Pin Ripple Rejection
Minimum BIAS Voltage vs VOUT
IN Pin Ripple Rejection
Minimum BIAS Voltage vs IOUT
Bias Voltage Line Regulation
Load Regulation
FREQUENCY (Hz)
10
100
40
50
60
70
80
1k
10k
100k
1M
10M
3071 G27
30
20
10
0
90
100
VBIAS = 2.5V + 500mVP-P
VBIAS = 2.7V + 500mVP-P
VBIAS = 3.3V + 500mVP-P
VIN = 1.3V
VOUT = 1V
IOUT = 5A
COUT = 10µF + 4.7µF + 2.2µF
FREQUENCY (Hz)
10
100
40
50
60
1k
10k
100k
1M
10M
3071 G28
30
20
10
0
70
80
COUT = 117µF
COUT = 16.9µF
VOUT = 1V
VIN = 1.3V + 50mVP-P RIPPLE
VBIAS = 2.5V
IOUT = 1A
FREQUENCY (Hz)
10
100
40
50
60
1k
10k
100k
1M
10M
3071 G29
30
20
10
0
70
80
COUT = 117µF
COUT = 16.9µF
VOUT = 1V
VIN = 1.3V + 50mVP-P RIPPLE
VBIAS = 2.5V
IOUT = 5A
TEMPERATURE (°C)
–75
3.2
3.6
4.0
125
3071 G30
2.8
2.4
3.0
3.4
3.8
2.6
2.2
2.0
–25
–50
25
0
75 100
150
50
175
IOUT = 5A
VOUT = 1.8V
VOUT = 1.2V
VOUT = 0.8V
OUTPUT CURRENT (A)
0
2.6
2.8
3.0
3
5
3071 G31
2.4
2.2
2.0
1
2
4
3.2
3.4
3.6
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V TO 1V
VIN = VOUT(NOMINAL) + 300mV
VOUT = –1%, TJ = 25°C
OUTPUT VOLTAGE (V)
0.7
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.5
3071 G51
0.9
1.1
1.3
1.9
1.7
IOUT = 5A
TJ = 25°C
TEMPERATURE (°C)
–75
800
700
600
500
400
300
200
100
0
125
3071 G33
–25
25
75
175
100
–50
0
50
150
VBIAS = 2.2V TO 3.6V
VIN = 1.1V
VOUT = 0.8V
IOUT = 10mA
TEMPERATURE (°C)
–75
–4
–2
0
125
3071 G32
–6
–8
–10
–50 –25 0 25 50 75 100
150 175
VIN = VOUT(NOMINAL) + 300mV
VBIAS = 3.3V
IOUT = 100mA TO 5A
VOUT = 0.8V
VOUT = 1.2V
VOUT = 1.8V
Current Limit vs VIN – VOUT
IN-TO-OUT VOLTAGE DIFFERENTIAL (V)
0
4
6
2.00
3071 G26
2
0
0.50
1.00
1.50
0.25
0.75
1.25
1.75
8
3
5
1
7
VOUT = 1.8V
VOUT = 1.2V
VOUT = 0.8V
VBIAS = 3.3V
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com