Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 23 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 19Page - Linear Technology LT3071EUFD Datasheet HTML 20Page - Linear Technology LT3071EUFD Datasheet HTML 21Page - Linear Technology LT3071EUFD Datasheet HTML 22Page - Linear Technology LT3071EUFD Datasheet HTML 23Page - Linear Technology LT3071EUFD Datasheet HTML 24Page - Linear Technology LT3071EUFD Datasheet HTML 25Page - Linear Technology LT3071EUFD Datasheet HTML 26Page - Linear Technology LT3071EUFD Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT3071

3071f
Figure 6. 1.5V to 1.2V Linear Regulator
ApplicAtions inFormAtion
Quieting the Noise
TheLT3071offersnumerousnoiseperformanceadvan-
tages.EachLDOhasseveralsourcesofnoise.AnLDO’s
mostcriticalnoisesourceisthereference,followedby
theLDOerroramplifier.Traditionallownoiseregulators
bufferthevoltagereferenceouttoanexternalpin(usually
throughalargevalueresistor)toallowforbypassingand
noisereductionofreferencenoise.TheLT3071deviates
fromthetraditionalvoltagereferencebygeneratinga
lowvoltageVREFfromareferencecurrentintoaninter-
nal resistor
≅19k. This intermediate impedance node
(REF/BYP)facilitatesexternalfilteringdirectly.A10nFfilter
capacitorminimizesreferencenoiseto10µVRMSatthe
600mVREF/BYPpin,equivalentlya17µVcontributionto
outputnoiseatVOUT=1V.SeetheTypicalPerformance
CharacteristicsforNoisevsOutputVoltageperformance
asafunctionofCREF/BYP.
This approach also accommodates reference sharing
betweenLT3071regulatorsthatarehookedupincur-
rentsharingapplications.TheREF/BYPfiltercapacitor
delaystheinitialpower-uptimebyafactoroftheRCtime
constant.VREFremainsactiveinnapmode,thusstart-up
timeissignificantlyreducedandwellcontrolledcoming
outof
napmode(EN:LO
↑HI).
BIAS
50k
LT3071
IN
EN
VO0
VO1
330µF
2.2µF
2.2µF*
0.01µF
1k
VMON
2V AT 5A
FULL SCALE
1nF
NC
4.7µF*
3071 F06
10µF*
*X5R OR X7R CAPACITORS
PWRGD
VOUT
1.2V
5A
VO2
MARGA
IMON
VIOC
SENSE
OUT
VBIAS
2.2V TO 3.6V
VIN
1.5V
PWRGD
REF/BYP
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com