Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 19 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 15Page - Linear Technology LT3071EUFD Datasheet HTML 16Page - Linear Technology LT3071EUFD Datasheet HTML 17Page - Linear Technology LT3071EUFD Datasheet HTML 18Page - Linear Technology LT3071EUFD Datasheet HTML 19Page - Linear Technology LT3071EUFD Datasheet HTML 20Page - Linear Technology LT3071EUFD Datasheet HTML 21Page - Linear Technology LT3071EUFD Datasheet HTML 22Page - Linear Technology LT3071EUFD Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
The X7R type has better stability across temperature,
whiletheX5Rislessexpensiveandisavailableinhigher
values.CarestillmustbeexercisedwhenusingX5Rand
X7R capacitors; the X5R and X7R codes only specify
operatingtemperaturerangeandmaximumcapacitance
change over temperature. Capacitance change due to
DCbiaswithX5RandX7RcapacitorsisbetterthanY5V
andZ5Ucapacitors,butcanstillbesignificantenoughto
dropcapacitorvaluesbelowappropriatelevels.Capacitor
DCbiascharacteristicstendtoimproveascomponent
casesizeincreases,butexpectedcapacitanceatoperat-
ingvoltageshouldbeverified.Voltageandtemperature
coefficientsarenottheonlysourcesofproblems.Some
ceramiccapacitorshaveapiezoelectricresponse.Apiezo-
electricdevicegeneratesvoltageacrossitsterminalsdue
tomechanicalstress,similartothewayapiezoelectric
microphoneworks.Foraceramiccapacitorthestress
canbeinducedbyvibrationsinthesystemorthermal
transients.
Stability and Input Capacitance
The LT3071 is stable with a minimum capacitance of
47µFconnectedtoitsINpins.UselowESRcapacitorsto
minimizeinstantaneousvoltagedropsunderlargeload
transientconditions.LargeVINdroopsduringlargeload
transientsmaycausetheregulatortoenterdropoutwith
corresponding degradation in load transient response.
Increasedvaluesofinputandoutputcapacitancemaybe
necessarydependingonanapplication’srequirements.
Sufficient input capacitance is critical as the circuit is
intentionallyoperatedclosetodropouttominimizepower.
Ideally,theoutputimpedanceofthesupplythatpowers
INshouldbelessthan10mΩtosupporta5Aloadwith
largetransients.
Incaseswherewireisusedtoconnectapowersupply
totheinputoftheLT3071(andalsofromthegroundof
theLT3071backtothepowersupplyground),largeinput
capacitorsarerequiredtoavoidanunstableapplication.
ThisisduetotheinductanceofthewireforminganLC
tankcircuitwiththeinputcapacitorandnotaresultofthe
LT3071beingunstable.Theselfinductance,orisolated
inductance,ofawireisdirectlyproportionaltoitslength.
However,thediameterofawiredoesnothaveamajor
influenceonitsselfinductance.Forexample,oneinchof
18-AWG,0.04inchdiameterwirehas28nHofselfinduc-
tance.Theselfinductanceofa2-AWGisolatedwirewith
adiameterof0.26inchisabouthalftheinductanceofa
18-AWGwire.Theoverallselfinductanceofawirecan
bereducedintwoways.Oneistodividethecurrentflow-
ingtowardstheLT3071betweentwoparallelconductors
whichflowsinthesamedirectionineach.Inthiscase,
DC BIAS VOLTAGE (V)
0
–100
–80
–60
–40
–20
4
8
12
16
3071 F04
0
20
2
6
10
X5R
Y5V
14
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
TEMPERATURE (°C)
–50
–20
0
40
25
75
X5R
Y5V
3071 F05
–40
–60
–25
0
50
100
125
–80
–100
20
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
Figure 4. Ceramic Capacitor DC Bias Characteristics
Figure 5. Ceramic Capacitor Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com